Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8541ARTZ-R2
Description  General-Purpose CMOS Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8541ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General-Purpose CMOS
Rail-to-Rail Amplifiers
AD8541/AD8542/AD8544
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 5.5 V
Low supply current: 45 μA/amplifier
Wide bandwidth: 1 MHz
No phase reversal
Low input currents: 4 pA
Unity gain stable
Rail-to-rail input and output
APPLICATIONS
ASIC input or output amplifiers
Sensor interfaces
Piezoelectric transducer amplifiers
Medical instrumentations
Mobile communications
Audio outputs
Portable systems
GENERAL DESCRIPTION
The AD8541/AD8542/AD8544 are single, dual, and quad rail-
to-rail input and output single-supply amplifiers featuring very
low supply current and 1 MHz bandwidth. All are guaranteed to
operate from a 2.7 V single supply as well as a 5 V supply. These
parts provide 1 MHz bandwidth at a low current consumption
of 45 μA per amplifier.
Very low input bias currents enable the AD8541/AD8542/AD8544
to be used for integrators, photodiode amplifiers, piezoelectric
sensors, and other applications with high source impedance.
The supply current is only 45 μA per amplifier, ideal for battery
operation.
Rail-to-rail inputs and outputs are useful to designers buffering
ASICs in single-supply systems. The AD8541/AD8542/AD8544
are optimized to maintain high gains at lower supply voltages,
making them useful for active filters and gain stages.
The AD8541/AD8542/AD8544 are specified over the extended
industrial temperature range (–40°C to +125°C). The AD8541
is available in 8-lead SOIC, 5-lead SC70, and 5-lead SOT-23
packages. The AD8542 is available in 8-lead SOIC, 8-lead
MSOP, and 8-lead TSSOP surface-mount packages. The
AD8544 is available in 14-lead narrow SOIC and 14-lead
TSSOP surface-mount packages. All MSOP, SC70, and SOT
versions are available in tape and reel only.
PIN CONFIGURATIONS
1
2
3
5
4 –IN A
+IN A
V+
OUT A
AD8541
V–
Figure 1. 5-Lead SC70 and 5-Lead SOT-23
(KS and R
J Suffixes)
NC
–IN A
+IN A
V–
V+
OUT A
NC
NC
1
2
3
4
8
7
6
5
AD8541
NC = NO CONNECT
Figure 2. 8-Lead SOIC
(R Suffix)
AD8542
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V–
+IN B
–IN B
OUT B
V+
Figure 3. 8-Lead SOIC, 8-Lead MSOP, and 8-Lead TSSOP
(R, RM, and RU Suffixes)
AD8544
1
2
3
4
14
13
12
11
OUT A
–IN A
+IN A
V+
V–
+IN D
–IN D
OUT D
5
6
7
10
9
8
+IN B
–IN B
OUT B
OUT C
–IN C
+IN C
Figure 4. 14-Lead SOIC and 14-Lead TSSOP
(R and RU Suffixes)


Similar Part No. - AD8541ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541ARTZ-R2 AD-AD8541ARTZ-R2 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541ARTZ-R2 AD-AD8541ARTZ-R2 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose ifiers
Rev. G
More results

Similar Description - AD8541ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
LMV358IDR TECHPUBLIC-LMV358IDR Datasheet
1Mb / 6P
CMOS,RAilto Rail General-Purpose Amplifiers
2018.1.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com