Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541ARTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8541ARTZ-R2
Description  General-Purpose CMOS Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541ARTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8541ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8541ARTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8541/AD8542/AD8544
Rev. E | Page 10 of 20
3.0
2.5
0
2.0
1.5
0.5
1.0
4.0
3.5
5.0
4.5
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
VIN = 4.9V p-p
RL = 2kΩ
TA = 25°C
Figure 23. Closed-Loop Output Voltage Swing vs. Frequency
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 5V
RL = 10kΩ
TA = 25°C
Figure 24. Small Signal Overshoot vs. Load Capacitance
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
VS = 5V
RL = 2kΩ
TA = 25°C
+OS
–OS
Figure 25. Small Signal Overshoot vs. Load Capacitance
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 5V
RL =
TA = 25°C
Figure 26. Small Signal Overshoot vs. Load Capacitance
2.5V
VS = 5V
RL = 100kΩ
CL = 300pF
AV = 1
TA = 25°C
50mV
10µs
Figure 27. Small Signal Transient Response
2.5V
VS = 5V
RL = 2kΩ
AV = 1
TA = 25°C
1V
10µs
Figure 28. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com