Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8571ARM-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8571ARM-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARM-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8571ARM-R2 Datasheet HTML 1Page - Analog Devices AD8571ARM-R2 Datasheet HTML 2Page - Analog Devices AD8571ARM-R2 Datasheet HTML 3Page - Analog Devices AD8571ARM-R2 Datasheet HTML 4Page - Analog Devices AD8571ARM-R2 Datasheet HTML 5Page - Analog Devices AD8571ARM-R2 Datasheet HTML 6Page - Analog Devices AD8571ARM-R2 Datasheet HTML 7Page - Analog Devices AD8571ARM-R2 Datasheet HTML 8Page - Analog Devices AD8571ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8571/AD8572/AD8574
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS + 0.3 V
Differential Input Voltage1
±5.0 V
ESD (Human Body Model)
2000 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
RM, RU, and R Packages
−65°C to +150°C
Operating Temperature Range
AD8571A/AD8572A/AD8574A
−40°C to +125°C
Junction Temperature Range
RM, RU, and R Packages
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
1 Differential input voltage is limited to ±5.0 V or the supply voltage,
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in a circuit board for SOIC and
TSSOP packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM)
190
44
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead TSSOP (RU)
180
36
°C/W
14-Lead SOIC (R)
120
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com