Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8571ARM-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8571ARM-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARM-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8571ARM-R2 Datasheet HTML 15Page - Analog Devices AD8571ARM-R2 Datasheet HTML 16Page - Analog Devices AD8571ARM-R2 Datasheet HTML 17Page - Analog Devices AD8571ARM-R2 Datasheet HTML 18Page - Analog Devices AD8571ARM-R2 Datasheet HTML 19Page - Analog Devices AD8571ARM-R2 Datasheet HTML 20Page - Analog Devices AD8571ARM-R2 Datasheet HTML 21Page - Analog Devices AD8571ARM-R2 Datasheet HTML 22Page - Analog Devices AD8571ARM-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8571/AD8572/AD8574
Rev. B | Page 19 of 24
CAPACITIVE LOAD DRIVE
The AD857x has excellent capacitive load driving capabilities
and can safely drive up to 10 nF from a single 5 V supply.
Although the device is stable, capacitive loading limits the
bandwidth of the amplifier. Capacitive loads also increase the
amount of overshoot and ringing at the output. An RC snubber
network, shown in Figure 59, can be used to compensate the
amplifier against capacitive load ringing and overshoot.
5V
VOUT
VIN
200mV p-p
AD8571/
AD8572/
AD8574
CL
4.7nF
Cx
0.47µF
Rx
60Ω
+
–
Figure 59. Snubber Network Configuration for Driving Capacitive Loads
Although the snubber does not recover the loss of amplifier
bandwidth from the load capacitance, it does allow the amplifier
to drive larger values of capacitance while maintaining a
minimum of overshoot and ringing. Figure 60 shows the output
of an AD857x driving a 1 nF capacitor with and without a
snubber network.
10μs
100mV
VS = 5V
CLOAD = 4.7nF
WITHOUT
SNUBBER
WITH
SNUBBER
Figure 60. Overshoot and Ringing are Substantially
Reduced Using a Snubber Network
The optimum value for the resistor and capacitor is a function
of the load capacitance and is best determined empirically since
actual CLOAD includes stray capacitances and can differ substan-
tially from the nominal capacitive load. Table 5 shows some
snubber network values that can be used as starting points.
Table 5. Snubber Network Values for Driving Capacitive Loads
CLOAD
Rx
Cx
1 nF
200 Ω
1 nF
4.7 nF
60 Ω
0.47 μF
10 nF
20 Ω
10 μF
POWER-UP BEHAVIOR
On power-up, the AD857x settles to a valid output within
5 μs. Figure 61 shows an oscilloscope photo of the output of the
amplifier along with the power supply voltage, and Figure 62
shows the test circuit. With the amplifier configured for unity
gain, the device takes approximately 5 μs to settle to its final
output voltage, hundreds of microseconds faster than many
other autocorrection amplifiers.
5µs
1V
VOUT
V+
0V
0V
BOTTOM TRACE = 2V/DIV
TOP TRACE = 1V/DIV
Figure 61. AD857x Output Behavior on Power-Up
100kΩ
100kΩ
VSY = 0V TO 5V
VOUT
AD8571/
AD8572/
AD8574
Figure 62. AD857x Test Circuit for Turn-On Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com