Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628AUJZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8628AUJZ-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628AUJZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8628AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameters
Ratings
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltage
6 V
Input Voltage
GND − 0.3 V to V + 0.3 V
S−
Differential Input Voltage
±5.0 V
1
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
R, RM, RU, RT, UJ Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Table 4. Thermal Characteristics
Junction Temperature Range
R, RM, RU, RT, UJ Packages
−65°C to +150°C
Package Type
θ
θ
Unit
1
JA
JC
Lead Temperature Range
(Soldering, 60 sec)
300°C
5-Lead TSOT-23 (UJ-5)
207
61
°C/W
1 Differential input voltage is limited to ±5 V or the supply voltage, whichever
is less.
5-Lead SOT-23 (RT-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
190
44
°C/W
14-Lead SOIC_N (R-14)
105
43
°C/W
14-Lead TSSOP (RU-14)
148
23
°C/W
1 θJA is specified for worst-case conditions, that is, θJA is specified for the device
soldered in a circuit board for surface-mount packages. This was measured
using a standard 2-layer board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com