Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628AUJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8628AUJZ-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628AUJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8628AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 15Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 16Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 17Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 18Page - Analog Devices AD8628AUJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 15 of 24
FUNCTIONAL DESCRIPTION
1/f NOISE
The AD8628/AD8629/AD8630 are single-supply, ultrahigh
precision rail-to-rail input and output operational amplifiers.
The typical offset voltage of less than 1 μV allows these amplifi-
ers to be easily configured for high gains without risk of
excessive output voltage errors. The extremely small tempera-
ture drift of 2 nV/°C ensures a minimum of offset voltage error
over their entire temperature range of −40°C to +125°C, making
these amplifiers ideal for a variety of sensitive measurement
applications in harsh operating environments.
1/f noise, also known as pink noise, is a major contributor to
errors in dc-coupled measurements. This 1/f noise error term
can be in the range of several μV or more, and, when amplified
with the closed-loop gain of the circuit, can show up as a large
output offset. For example, when an amplifier with a 5 μV p-p
1/f noise is configured for a gain of 1,000, its output has 5 mV of
error due to the 1/f noise. But the AD8628/AD8629/AD8630
eliminate 1/f noise internally, and thereby greatly reduce output
errors.
The AD8628/AD8629/AD8630 achieve a high degree of preci-
sion through a patented combination of auto-zeroing and
chopping. This unique topology allows the AD8628/AD8629/
AD8630 to maintain their low offset voltage over a wide
temperature range and over their operating lifetime. The
AD8628/AD8629/AD8630 also optimize the noise and band-
width over previous generations of auto-zero amplifiers,
offering the lowest voltage noise of any auto-zero amplifier by
more than 50%.
The internal elimination of 1/f noise is accomplished as follows.
1/f noise appears as a slowly varying offset to AD8628/AD8629/
AD8630 inputs. Auto-zeroing corrects any dc or low frequency
offset. Therefore, the 1/f noise component is essentially removed,
leaving the AD8628/AD8629/AD8630 free of 1/f noise.
One of the biggest advantages that the AD8628/AD8629/
AD8630 bring to systems applications over competitive auto-
zero amplifiers is their very low noise. The comparison shown
in
Previous designs used either auto-zeroing or chopping to add
precision to the specifications of an amplifier. Auto-zeroing
results in low noise energy at the auto-zeroing frequency, at the
expense of higher low frequency noise due to aliasing of wide-
band noise into the auto-zeroed frequency band. Chopping
results in lower low frequency noise at the expense of larger
noise energy at the chopping frequency. The AD8628/AD8629/
AD8630 family uses both auto-zeroing and chopping in a
patented ping-pong arrangement to obtain lower low frequency
noise together with lower energy at the chopping and auto-
zeroing frequencies, maximizing the signal-to-noise ratio (SNR)
for the majority of applications without the need for additional
filtering. The relatively high clock frequency of 15 kHz
simplifies filter requirements for a wide, useful, noise-free
bandwidth.
Figure 51 indicates an input-referred noise density of
19.4 nV/√Hz at 1 kHz for the AD8628, which is much better
than the LTC2050 and LMC2001. The noise is flat from dc to
1.5 kHz, slowly increasing up to 20 kHz. The lower noise at
low frequency is desirable where auto-zero amplifiers are
widely used.
MK AT 1kHz FOR ALL 3 GRAPHS
FREQUENCY (kHz)
120
105
90
75
60
45
30
15
0
04
28
610
12
LTC2050
(89.7nV/
√Hz)
LMC2001
(31.1nV/
√Hz)
AD8628
(19.4nV/
√Hz)
The AD8628 is among the few auto-zero amplifiers offered in
the 5-lead TSOT-23 package. This provides a significant
improvement over the ac parameters of the previous auto-zero
amplifiers. The AD8628/AD8629/AD8630 have low noise over
a relatively wide bandwidth (0 Hz to 10 kHz) and can be used
where the highest dc precision is required. In systems with
signal bandwidths of from 5 kHz to 10 kHz, the AD8628/
AD8629/AD8630 provide true 16-bit accuracy, making them
the best choice for very high resolution systems.
Figure 51. Noise Spectral Density of AD8628 vs. Competition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com