Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD8554AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8554AR Datasheet HTML 13Page - Analog Devices AD8554AR Datasheet HTML 14Page - Analog Devices AD8554AR Datasheet HTML 15Page - Analog Devices AD8554AR Datasheet HTML 16Page - Analog Devices AD8554AR Datasheet HTML 17Page - Analog Devices AD8554AR Datasheet HTML 18Page - Analog Devices AD8554AR Datasheet HTML 19Page - Analog Devices AD8554AR Datasheet HTML 20Page - Analog Devices AD8554AR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 17 of 24
Because the AD855x amplifiers are self-correcting op amps, they
do not have increasing flicker noise at lower frequencies. In
essence, low frequency noise is treated as a slowly varying offset
error and is greatly reduced as a result of autocorrection. The
correction becomes more effective as the noise frequency
approaches dc, offsetting the tendency of the noise to increase
exponentially as frequency decreases. This allows the AD855x
to have lower noise near dc than standard low noise amplifiers
that are susceptible to 1/f noise.
INTERMODULATION DISTORTION
The AD855x can be used as a conventional op amp for gain/
bandwidth combinations up to 1.5 MHz. The auto-zero correction
frequency of the device is fixed at 4 kHz. Although a trace
amount of this frequency feeds through to the output, the
amplifier can be used at much higher frequencies. Figure 56
shows the spectral output of the AD8552 with the amplifier
configured for unity gain and the input grounded.
The 4 kHz auto-zero clock frequency appears at the output with
less than 2 μV of amplitude. Harmonics are also present, but at
reduced levels from the fundamental auto-zero clock frequency.
The amplitude of the clock frequency feedthrough is proportional
to the closed-loop gain of the amplifier. Like other autocorrection
amplifiers, at higher gains there is more clock frequency
feedthrough. Figure 57 shows the spectral output with the
amplifier configured for a gain of 60 dB.
FREQUENCY (kHz)
0
–140
010
1
–20
–40
–60
–80
–100
–120
2
3
4
5
678
9
VSY = 5V
AV = 0dB
Figure 56. Spectral Analysis of AD8552 Output in Unity Gain Configuration
FREQUENCY (kHz)
0
–140
01
1
–20
–40
–60
–80
–100
–120
2
3
4
5
678
9
0
VSY = 5V
AV = 60dB
Figure 57. Spectral Analysis of AD855x Output with +60 dB Gain
When an input signal is applied, the output contains some
degree of intermodulation distortion (IMD). This is another
characteristic feature of all autocorrection amplifiers. IMD
appears as sum and difference frequencies between the input
signal and the 4 kHz clock frequency (and its harmonics) and is
at a level similar to, or less than, the clock feedthrough at the
output. The IMD is also proportional to the closed-loop gain of
the amplifier. Figure 58 shows the spectral output of an AD8552
configured as a high gain stage (+60 dB) with a 1 mV input
signal applied. The relative levels of all IMD products and
harmonic distortion add up to produce an output error of
−60 dB relative to the input signal. At unity gain, these add
up to only −120 dB relative to the input signal.
IMD < 100µV rms
OUTPUT SIGNAL
1V rms @ 200Hz
FREQUENCY (kHz)
0
010
1
–20
–40
–60
–80
–100
–120
23
456
7
89
VSY = 5V
AV = 60dB
Figure 58. Spectral Analysis of AD8552 in High Gain with a 1 mV Input Signal
For most low frequency applications, the small amount of auto-
zero clock frequency feedthrough does not affect the precision
of the measurement system. If it is desired, the clock frequency
feedthrough can be reduced through the use of a feedback
capacitor around the amplifier. However, this reduces the
bandwidth of the amplifier. Figure 59 and Figure 60 show a
configuration for reducing the clock feedthrough and the
corresponding spectral analysis at the output. The −3 dB
bandwidth of this configuration is 480 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com