Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD8554AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8554AR Datasheet HTML 16Page - Analog Devices AD8554AR Datasheet HTML 17Page - Analog Devices AD8554AR Datasheet HTML 18Page - Analog Devices AD8554AR Datasheet HTML 19Page - Analog Devices AD8554AR Datasheet HTML 20Page - Analog Devices AD8554AR Datasheet HTML 21Page - Analog Devices AD8554AR Datasheet HTML 22Page - Analog Devices AD8554AR Datasheet HTML 23Page - Analog Devices AD8554AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 21 of 24
HIGH ACCURACY THERMOCOUPLE AMPLIFIER
L
1
SENSE
2
I
R
R
R
Output
Monitor
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
(23)
Figure 68 shows a K-type thermocouple amplifier configuration
with cold junction compensation. Even from a 5 V supply, the
AD8551 can provide enough accuracy to achieve a resolution of
better than 0.02°C from 0°C to 500°C. D1 is used as a tempera-
ture measuring device to correct the cold junction error from
the thermocouple and should be placed as close as possible to
the two terminating junctions. With the thermocouple measuring
tip immersed in a 0°C ice bath, R6 should be adjusted until the
output is at 0 V.
Using the components shown in Figure 69, the monitor output
transfer function is 2.5 V/A.
Figure 70 shows the low-side monitor equivalent. In this circuit,
the input common-mode voltage to the AD8552 is at or near
ground. Again, a 0.1 Ω resistor provides a voltage drop propor-
tional to the return current. The output voltage is given as
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
+
=
L
SENSE
OUT
I
R
R
R
V
V
1
2
(24)
Using the values shown in Figure 68, the output voltage tracks
temperature at 10 mV/°C. For a wider range of temperature
measurement, R9 can be decreased to 62 kΩ. This creates a
5 mV/°C change at the output, allowing measurements of up
to 1000°C.
For the component values shown in Figure 70, the output
transfer function decreases from V+ at −2.5 V/A.
8
1
4
3
3V
V+
G
S
D
2
3V
1/2
AD8552
MONITOR
OUTPUT
M1
Si9433
R1
100Ω
R2
2.49kΩ
RSENSE
0.1Ω
IL
0.1µF
3
2
8
4
5V
+
REF02EZ
12V
2
6
4
D1
1N4148
5.000V
1
–
+
AD8551
0.1µF
0.1µF
10µF
K-TYPE
THERMOCOUPLE
40.7µV/°C
0V TO 5.00V
(0°C TO 500°C)
R4
5.62kΩ
R6
200Ω
R3
53.6Ω
R2
2.74kΩ
R1
10.7kΩ
R5
40.2kΩ
R8
124kΩ
R7
453Ω
Figure 69. A High-Side Load Current Monitor
Figure 68. A Precision K-Type Thermocouple Amplifier with
Cold Junction Compensation
V+
1/2 AD8552
V+
Q1
RETURN TO
GROUND
VOUT
R2
2.49kΩ
R1
100Ω
RSENSE
0.1Ω
PRECISION CURRENT METER
Because of its low input bias current and superb offset voltage at
single supply voltages, the AD855x is an excellent amplifier for
precision current monitoring. Its rail-to-rail input allows the
amplifier to be used as either a high-side or low-side current
monitor. Using both amplifiers in the AD8552 provides a simple
method to monitor both current supply and return paths for
load or fault detection.
Figure 69 shows a high-side current monitor configuration. In
this configuration, the input common-mode voltage of the
amplifier is at or near the positive supply voltage. The rail-to-
rail input of the amplifier provides a precise measurement even
with the input common-mode voltage at the supply voltage. The
CMOS input structure does not draw any input bias current,
ensuring a minimum of measurement error.
Figure 70. A Low-Side Load Current Monitor
PRECISION VOLTAGE COMPARATOR
The AD855x can be operated open-loop and used as a precision
comparator. The AD855x has less than 50 μV of offset voltage
when run in this configuration. The slight increase of offset
voltage stems from the fact that the autocorrection architecture
operates with lowest offset in a closed-loop configuration, that
is, one with negative feedback. With 50 mV of overdrive, the
device has a propagation delay of 15 μs on the rising edge and
8 μs on the falling edge. Ensure the maximum differential
voltage of the device is not exceeded. For more information,
refer to the Input Overvoltage Protection section.
The 0.1 Ω resistor creates a voltage drop to the noninverting
input of the AD855x. The output of the amplifier is corrected
until this voltage appears at the inverting input. This creates a
current through R1, which in turn flows through R2. The
monitor output is given by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com