Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP370
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices ADCMP370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General-Purpose Comparators
ADCMP370/ADCMP371
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
2.25 V to 5.5 V operating voltage range
Low power consumption (4 μA)
High voltage (22 V) tolerance on inputs
Output stages
ADCMP370: open-drain, high voltage (22 V tolerance)
ADCMP371: push-pull
50 nA input bias current
150 nA input offset current
9 mV input offset voltage
Rail-to-rail, common-mode input range
Specified over –40°C to +85°C temperature range
5-lead SC70 packaging
APPLICATIONS
Voltage detectors
Battery management systems
Analog-to-digital converters
Low voltage applications
Battery-powered electronics
Portable equipment
GENERAL DESCRIPTION
The ADCMP370/ADCMP371 are general-purpose comparators
with input offset voltages of 9 mV (maximum) and low power
consumption, which make them ideal for battery-powered,
portable equipment.
The ADCMP371 has a push-pull output stage, while the
ADCMP370 has an open-drain output. The inputs on both
parts and the output on the ADCMP370 can tolerate voltages
up to 22 V, making them suitable for use as voltage detectors in
portable equipment.
The devices are available in space-efficient, 5-lead SC70
packaging.
FUNCTIONAL BLOCK DIAGRAMS
VCC
IN+
IN–
ADCMP370
GND
OUT
Figure 1.
VCC
IN+
IN–
ADCMP371
GND
OUT
Figure 2.


Similar Part No. - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370 Datasheet
160Kb / 8P
General Purpose Comparators
ADCMP370AKS-R7 AD-ADCMP370AKS-R7 Datasheet
160Kb / 8P
General Purpose Comparators
ADCMP370AKS-RL AD-ADCMP370AKS-RL Datasheet
160Kb / 8P
General Purpose Comparators
ADCMP370 AD-ADCMP370_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
More results

Similar Description - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370 Datasheet
160Kb / 8P
General Purpose Comparators
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Analog Devices
ADCMP370 AD-ADCMP370_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
ADCMP371 AD-ADCMP371_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com