Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet (PDF) - Analog Devices

ADCMP370 Datasheet PDF - Analog Devices
Part # ADCMP370
Download  ADCMP370 Download
File Size   160.25 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General Purpose Comparators

ADCMP370 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP370 Datasheet PDF - Analog Devices

Part # ADCMP370
Download  ADCMP370 Click to download

File Size   160.25 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General Purpose Comparators

ADCMP370 Datasheet (HTML) - Analog Devices


ADCMP370 Product details

GENERAL DESCRIPTION
The ADCMP370/ADCMP371 are general-purpose comparators with input offset voltages of 9 mV (maximum) and low power consumption, which make them ideal for battery-powered, portable equipment.
The ADCMP371 has a push-pull output stage, while the ADCMP370 has an open-drain output. The inputs on both parts and the output on the ADCMP370 can tolerate voltages up to 22 V, making them suitable for use as voltage detectors in portable equipment. The devices are available in space-efficient, 5-lead SC70 packaging.

FEATURES
2.25 V to 5.5 V operating voltage range
Low power consumption (4 µA)
High voltage (22 V) tolerance on inputs
Output stages
   ADCMP370: open-drain, high voltage (22 V tolerance)
   ADCMP371: push-pull
50 nA input bias current
150 nA input offset current
9 mV input offset voltage
Rail-to-rail, common-mode input range
Specified over –40°C to +85°C temperature range
5-lead SC70 packaging

APPLICATIONS
Voltage detectors
Battery management systems
Analog-to-digital converters
Low voltage applications
Battery-powered electronics
Portable equipment




Similar Part No. - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKS-REEL AD-ADCMP370AKS-REEL Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKS-REEL7 AD-ADCMP370AKS-REEL7 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKSZ-REEL AD-ADCMP370AKSZ-REEL Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKSZ-REEL7 AD-ADCMP370AKSZ-REEL7 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
More results


Similar Description - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370_06 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Analog Devices
ADCMP370 AD-ADCMP370_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
ADCMP371 AD-ADCMP371_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com