Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Purpose Comparators
Preliminary Technical Data
ADCMP370/ADCMP371
Rev.PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
2.25V to 5.5V Operating Voltage Range
Low Power Consumption (2µA)
Output Stages
ADCMP370: Open-Drain with High Voltage (22V)
Tolerance
ADCMP371: Push-Pull
10nA Input Bias Current
5nA Input Offset Current
6mV Input Offset Voltage
0V to VCC Common Mode Input Range
Specified Over -40°C to +125°C Temperature Range
5-Lead SC70 Package
APPLICATIONS
Voltage Detectors
Battery Management Systems
A/D Converters
Low Voltage Applications
Battery Powered Electronics
Portable Equipment
GENERAL DESCRIPTION
The ADCMP370/ADCMP371 are general purpose comparators
with input offset voltages of 6mV (max). High performance
over the -40°C to +125°C temperature range make them
suitable for use in automotive and other thermally harsh
applications, while low power consumption and space efficient
SC70 packaging make them ideal for battery powered portable
equipment.
The ADCMP371 has a push-pull output stage, while the
ADCMP370 has an open-drain output, which can be pulled as
high as 22V through an external resistor.
FUNCTIONAL BLOCK DIAGRAMS
IN+
ADM331
GND
IN-
OUT
VCC
IN+
VCC
ADM332
GND
IN-
OUT
VCC
ADCMP370
ADCMP371


Similar Part No. - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKS-REEL AD-ADCMP370AKS-REEL Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKS-REEL7 AD-ADCMP370AKS-REEL7 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKSZ-REEL AD-ADCMP370AKSZ-REEL Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
ADCMP370AKSZ-REEL7 AD-ADCMP370AKSZ-REEL7 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
More results

Similar Description - ADCMP370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP370 AD-ADCMP370_06 Datasheet
220Kb / 12P
General-Purpose Comparators
1/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Analog Devices
ADCMP370 AD-ADCMP370_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
ADCMP371 AD-ADCMP371_15 Datasheet
220Kb / 12P
General-Purpose Comparators
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com