Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADCMP370/ADCMP371
Preliminary Technical Data
Rev. PrB | Page 4 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Supply Current vs. Supply Voltage Output High
Figure 2. Supply Current vs. Supply Voltage Output Low
Figure 3. Output Voltage vs. Output Current at 5V Supply
Figure 4. Output Voltage vs. Output Current at 2.7V Supply
Figure 5. Input Bias Current vs. Supply Voltage
Figure 6. Response Time vs. Input Overdrives Negative Transition (5V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com