Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 8 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADCMP370/ADCMP371
Preliminary Technical Data
Rev. PrB | Page 8 of 8
OUTLINE DIMENSIONS
0.087 (2.20)
0.071 (1.80)
PIN 1
0.094 (2.40)
0.071 (1.80)
0.051 (1.30)
BSC
0.026 (0.65) BSC
1
3
4
2
0.053 (1.35)
0.045 (1.15)
0.004 (0.10)
0.004 (0.10)
o
8
0.012 (0.30)
0.006 (0.15)
0.004 (0.10)
0.000 (0.00)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.043 (1.10)
0.031 (0.80)
0.007 (0.18)
0.012 (0.30)
0 o
5
Figure 1. 5-Lead Plastic Surface Mount Package [SC70]
(KS-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Quantity
Package Type
Branding
ADCMP370AKS-R7
-40°C to +125°C
3k
SC70-5
M1F
ADCMP370AKS-RL
-40°C to +125°C
10k
SC70-5
M1F
ADCMP371AKS-R7
-40°C to +125°C
3k
SC70-5
M1G
ADCMP371AKS-RL
-40°C to +125°C
10k
SC70-5
M1G
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
PR04745-0-4/04(PrB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com