Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 2 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 2 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADCMP370/ADCMP371
Preliminary Technical Data
Rev. PrB | Page 2 of 8
SPECIFICATIONS
(VCC=Full Operating Range, TA=-40°C to +125°C, unless otherwise noted.)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
2.25
5.5
V
Supply Current
2
5
µA
COMMON MODE INPUT RANGE
0
VCC
V
INPUT OFFSET VOLTAGE
6
mV
INPUT BIAS CURRENT
10
nA
VCC = 3.3V
INPUT OFFSET CURRENT
5
150
nA
OUT VOLTAGE LOW
0.3
V
IN+ < IN-, ISINK=1.2mA
OUT VOLTAGE HIGH (ADCMP371)
0.8VCC
V
IN+ > IN-, ISOURCE=500µA
OUT LEAKAGE CURRENT (ADCMP370)
1
µA
IN+ > IN-, OUT=22V
TIMING
Propagation Delay
5
10
µs
Input Overdrive=10mV
1
2
µs
Input Overdrive=100mV
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
IN+, IN-
-0.3V to +6V
OUT (ADCMP370)
-0.3V to +25V
OUT (ADCMP371)
-0.3V to +VCC+0.3V
Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com