Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADCMP370/ADCMP371
Rev. PrB | Page 3 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
1
2
34
5 VCC
GND
IN+
OUT
IN-
ADM331/
ADM332
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
IN+
Non-Inverting Input
2
GND
Ground
3
IN-
Inverting Input
4
OUT
Comparator Output. Open-Drain for ADCMP370. Push-Pull for ADCMP371.
5
VCC
Power Supply
ESD CAUTION
`
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ADCMP371
ADCMP370/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com