Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP370 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP370
Description  General Purpose Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP370 Datasheet(HTML) 6 Page - Analog Devices

  ADCMP370 Datasheet HTML 1Page - Analog Devices ADCMP370 Datasheet HTML 2Page - Analog Devices ADCMP370 Datasheet HTML 3Page - Analog Devices ADCMP370 Datasheet HTML 4Page - Analog Devices ADCMP370 Datasheet HTML 5Page - Analog Devices ADCMP370 Datasheet HTML 6Page - Analog Devices ADCMP370 Datasheet HTML 7Page - Analog Devices ADCMP370 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADCMP370/ADCMP371
Preliminary Technical Data
Rev. PrB | Page 6 of 8
APPLICATIONS INFORMATION
BASIC COMPARATOR
In it’s most basic configuration, a comparator can be used to
convert an analog input signal to a digital output signal. The
analog signal on IN+ is compared to the voltage on IN- and the
voltage at OUT is either high or low depending on whether IN+
is at a higher or lower potential than IN-, respectively.
The ADCMP370 and ADCMP371 have different digital output
structures. The ADCMP370 has an open-drain output stage
which requires an external resistor to pull OUT to the logic
high voltage level when the output transistor is switched off.
This voltage level can be as high as 22V. The pull-up resistor
should be large enough to avoid excessive power dissipation, but
small enough to switch logic levels reasonably quickly when the
comparator output is connected to other digital circuitry. A
suitable value would be between 1k
Ω and 10kΩ. The
ADCMP371 has a push-pull output stage which has an internal
PMOS pull-up and therefore doesn’t require an external resistor.
Faster switching speeds between low and high rails are possible,
but the logic high level is limited to VCC.
VIN
ADM331
VREF
OUT
VCC
V+
VREF
VIN
t
V+
VOUT
0V
Figure 12. Basic Comparator and Input and Output Signals
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, positive
feedback can be used to add hysteresis to the differential input.
For the non-inverting configuration, shown in figure 13, two
resistors are used to create different switching thresholds
depending on whether the input signal is increasing or
decreasing in magnitude. When the input voltage is increasing,
the threshold is above VREF and when it’s decreasing, the
threshold is below VREF.
The upper input threshold level is given by:
()
2
1
2
1
V
V
REF
IN_HI
R
R
V
R
R
CC
−
+
=
The lower input threshold level is given by:
()
2
2
1
V
V
REF
IN_LO
R
R
R
+
=
The hysteresis is the difference between these voltage levels:
2
1
V
V
CC
IN
R
R
=
∆
In the example in figure 13, resistors R1 and R2 are chosen to
give 1V hysteresis about the reference of 2.5V, with VCC=5V. It’s
important that RPULL-UP<<RLOAD so that the output high voltage
isn’t pulled below VCC.
R1=200k
ADM331
OUT
VCC=5V
RLOAD
RPULL-UP=5k
VIN
IN-
IN+
VIN_LO
VIN_HI
VIN
VOUT
VREF=2.5V
R2=1M
=2V
=3V
Figure 13. Non-Inverting Comparator Configuration with Hysteresis
ADCMP370
ADCMP370



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com