Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP551
Description  Single-Supply, High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP551 Datasheet HTML 1Page - Analog Devices ADCMP551 Datasheet HTML 2Page - Analog Devices ADCMP551 Datasheet HTML 3Page - Analog Devices ADCMP551 Datasheet HTML 4Page - Analog Devices ADCMP551 Datasheet HTML 5Page - Analog Devices ADCMP551 Datasheet HTML 6Page - Analog Devices ADCMP551 Datasheet HTML 7Page - Analog Devices ADCMP551 Datasheet HTML 8Page - Analog Devices ADCMP551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP551/ADCMP552/ADCMP553
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages
Input Supply Voltage (VCCI to GND)
−0.5 V to +6.0 V
Output Supply Voltage (VCCO to GND)
−0.5 V to +6.0 V
Ground Voltage Differential
−0.5 V to +0.5 V
Input Voltages
Input Common-Mode Voltage
−0.5 V to +3.5 V
Differential Input Voltage
−4.0 V to +4.0 V
Input Voltage, Latch Controls
−0.5 V to +5.5 V
Output
Output Current
30 mA
Temperature
Operating Temperature, Ambient
−40°C to +85°C
Operating Temperature, Junction
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
THERMAL CONSIDERATIONS
The ADCMP551 16-lead QSOP package has a θJA (junction-to-
ambient thermal resistance) of 104°C/W in still air.
The ADCMP552 20-lead QSOP package has a θJA (junction-to-
ambient thermal resistance) of 80°C/W in still air.
The ADCMP553 8-lead MSOP package has a θJA (junction-to-
ambient thermal resistance) of 130°C/W in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com