Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP551
Description  Single-Supply, High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP551 Datasheet HTML 6Page - Analog Devices ADCMP551 Datasheet HTML 7Page - Analog Devices ADCMP551 Datasheet HTML 8Page - Analog Devices ADCMP551 Datasheet HTML 9Page - Analog Devices ADCMP551 Datasheet HTML 10Page - Analog Devices ADCMP551 Datasheet HTML 11Page - Analog Devices ADCMP551 Datasheet HTML 12Page - Analog Devices ADCMP551 Datasheet HTML 13Page - Analog Devices ADCMP551 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP551/ADCMP552/ADCMP553
Rev. 0 | Page 10 of 16
TIMING INFORMATION
50%
50%
VREF ± VOS
50%
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
Q OUTPUT
LATCH ENABLE
tH
tPDL
tPDH
tPLOH
tPLOL
tR
tF
VIN
VOD
tS
tPL
Figure 17. System Timing Diagram
Figure 17 shows the compare and latch features of the ADCMP55x family. Table 4 describes the terms in the diagram.
Table 4. Timing Descriptions
Symbol
Timing
Description
tPDH
Input to Output High Delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output low-to-high transition
tPDL
Input to Output Low Delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output high-to-low transition
tPLOH
Latch Enable to Output High Delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output low-to-high transition
tPLOL
Latch Enable to Output Low Delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output high-to-low transition
tH
Minimum Hold Time
Minimum time after the negative transition of the latch enable signal that the input signal
must remain unchanged to be acquired and held at the outputs
tPL
Minimum Latch Enable Pulse Width
Minimum time the latch enable signal must be high to acquire an input signal change
tS
Minimum Setup Time
Minimum time before the negative transition of the latch enable signal that an input
signal change must be present to be acquired and held at the outputs
tR
Output Rise Time
Amount of time required to transition from a low to a high output as measured at the
20% and 80% points
tF
Output Fall Time
Amount of time required to transition from a high to a low output as measured at the
20% and 80% points
VOD
Voltage Overdrive
Difference between the differential input and reference input voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com