Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP572 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP572
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP572 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP572 Datasheet HTML 2Page - Analog Devices ADCMP572 Datasheet HTML 3Page - Analog Devices ADCMP572 Datasheet HTML 4Page - Analog Devices ADCMP572 Datasheet HTML 5Page - Analog Devices ADCMP572 Datasheet HTML 6Page - Analog Devices ADCMP572 Datasheet HTML 7Page - Analog Devices ADCMP572 Datasheet HTML 8Page - Analog Devices ADCMP572 Datasheet HTML 9Page - Analog Devices ADCMP572 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP572/ADCMP573
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
5
6
7
8
ADCMP572
ADCMP573
TOP VIEW
(Not to Scale)
1
VTP
PIN1
2
VP
3
VN
4
VTN
16
15
14
13
VCCO
12
Q
11
Q
10
VCCO
9
Figure 2. ADCMP572/ADCMP573 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VTP
Termination Resistor Return Pin for VP Input.
2
VP
Noninverting Analog Input.
3
VN
Inverting Analog Input.
4
VTN
Termination Resistor Return Pin for VN Input.
5, 16
VCCI
Positive Supply Voltage for Input Stage.
6
LE
Latch Enable Input Pin, Inverting Side.
In compare mode (LE = low), the output tracks changes at the input of the comparator.
In latch mode (LE = high), the output reflects the input state just prior to the comparator’s being
placed into latch mode. LE must be driven in complement with LE.
7
LE
Latch Enable Input Pin, Noninverting Side.
In compare mode (LE = high), the output tracks changes at the input of the comparator.
In latch mode (LE = low), the output reflects the input state just prior to the comparator’s being
placed into latch mode. LE must be driven in compliment with LE.
8
VCCO/VTT
Termination Return Pin for the LE/LE Input Pins.
For the ADCMP572 (CML output stage), this pin is internally connected to and also should be
externally connected to the positive VCCO supply.
For the ADCMP573 (RSPECL output stage), this pin should normally be connected to the VCCO – 2 V
termination potential.
9, 12
VCCO
Positive Supply Voltage for the CML/RSPECL Output Stage.
13, 15
GND
Ground.
10
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN, provided the comparator is in compare mode. See the
LE/LE descriptions (Pins 6 and 7) for more information.
11
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input VP is greater
than the analog voltage at the inverting input, VN, provided the comparator is in compare mode. See
the LE/LE descriptions (Pins 6 and 7) for more information.
14
HYS
Hysteresis Control Pin. Leave this pin disconnected for zero hysteresis. Connect to GND with a
suitably sized resistor to add the desired amount of hysteresis. Refer to Figure 7 for proper sizing of
RHYS hysteresis control resistor.
Isolated
Heat sink
N/C
The metallic back surface of the package is not electrically connected to any part of the circuit, and it
can be left floating for best electrical isolation between the package handle and the substrate of the
die. However, it can be soldered to the application board if improved thermal and/or mechanical
stability is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com