Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP572 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP572
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP572 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP572 Datasheet HTML 6Page - Analog Devices ADCMP572 Datasheet HTML 7Page - Analog Devices ADCMP572 Datasheet HTML 8Page - Analog Devices ADCMP572 Datasheet HTML 9Page - Analog Devices ADCMP572 Datasheet HTML 10Page - Analog Devices ADCMP572 Datasheet HTML 11Page - Analog Devices ADCMP572 Datasheet HTML 12Page - Analog Devices ADCMP572 Datasheet HTML 13Page - Analog Devices ADCMP572 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP572/ADCMP573
Rev. 0 | Page 10 of 16
500 Ω resistor and leaving the LE pin disconnected. In this case,
the resistor value does not depend on the VCCO supply voltage.
VCCO is the signal return for the output stage and VCCO pins
should of course be connected to a supply plane for maximum
performance.
OPTIMIZING HIGH SPEED PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential to obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground
impedances, or other layout issues can severely limit
performance and often cause oscillation. Discontinuities along
input and output transmission lines can severely limit the
specified pulse width dispersion performance.
For applications working in a 50 Ω environment, input and
output matching has a significant impact on data dependent (or
deterministic) jitter (DJ) and on pulse width dispersion
performance. The ADCMP572/ADCMP573 comparators
provide internal 50 Ω termination resistors for both the VP and
VN inputs, and the ADCMP572 provides 50 Ω back terminated
outputs. The return side for each input termination is pinned
out separately with the VTP and VTN pins, respectively. If a 50 Ω
termination is desired at one or both of the VP/VN inputs, then
the VTP and VTN pins can be connected (or disconnected) to
(from) the desired termination potential as required. The
termination potential should be carefully bypassed using high
quality bypass capacitors as discussed earlier to prevent
undesired aberrations on the input signal due to parasitic
inductance in the circuit board layout. If a 50 Ω input
termination is not desired, either one or both of the VTP/VTN
termination pins can be left disconnected. In this case, the pins
should be left floating with no external pull-downs or bypassing
capacitors.
When leaving an input termination disconnected, the internal
resistor acts as a small stub on the input transmission path and
can cause problems for very high speed inputs. Reflections
should then be expected from the comparator inputs because
they no longer provide matched impedance to the input path
leading to the device. In this case, it is important to back match
the drive source impedance to the input transmission path to
minimize multiple reflections. For applications in which the
comparator is very close to the driving signal source, the source
impedance should be minimized. High source impedance in
combination with parasitic input capacitance of the comparator
might cause an undesirable degradation in bandwidth at the
input, therefore degrading the overall response. Although the
ADCMP572/ ADCMP573 comparators have been designed to
minimize input capacitance, some parasitic capacitance is
inevitable. It is therefore recommended that the drive source
impedance be no more than 50 Ω for best high speed
performance.
COMPARATOR PROPAGATION
DELAY DISPERSION
The ADCMP572/ADCMP573 comparators are designed to
reduce propagation delay dispersion over a wide input overdrive
range of 5 mV to 500 mV. Propagation delay dispersion is
variation in the propagation delay that results from a change in
the degree of overdrive or slew rate (how far or how fast the
input signal exceeds the switching threshold).
Propagation delay dispersion is a specification that becomes
important in high speed, time-critical applications such as data
communication, automatic test and measurement, instrumenta-
tion, and event driven applications such as pulse spectroscopy,
nuclear instrumentation, and medical imaging. Dispersion is
defined as the variation in propagation delay as the input over-
drive conditions vary (Figure 17 and Figure 18). For the
ADCMP572/ADCMP573, dispersion is typically <15 ps because
the overdrive varies from 10 mV to 500 mV, and the input slew
rate varies from 2 V/ns to 10 V/ns. This specification applies for
both positive and negative signals since the ADCMP572/
ADCMP573 has substantially equal delays for either positive
going or negative going inputs.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
10mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 17. Propagation Delay—Overdrive Dispersion
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 18. Propagation Delay—Slew Rate Dispersion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com