Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP573 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP573 Datasheet HTML 1Page - Analog Devices ADCMP573 Datasheet HTML 2Page - Analog Devices ADCMP573 Datasheet HTML 3Page - Analog Devices ADCMP573 Datasheet HTML 4Page - Analog Devices ADCMP573 Datasheet HTML 5Page - Analog Devices ADCMP573 Datasheet HTML 6Page - Analog Devices ADCMP573 Datasheet HTML 7Page - Analog Devices ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP572/ADCMP573
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
SUPPLY VOLTAGE
Input Supply Voltage
(VCCI to GND)
−0.5 V to +6.0 V
Output Supply Voltage
(VCCO to GND)
−0.5 V to +6.0 V
Positive Supply Differential
(VCCI − VCCO)
−0.5 V to +3.5 V
INPUT VOLTAGE
Input Voltage
−0.5 V to VCCI + 0.5 V
Differential Input Voltage
±(VCCI + 0.5 V)
Input Voltage, Latch Enable
−0.5 V to VCCO + 0.5 V
HYSTERESIS CONTROL PIN
Applied Voltage (HYS to GND)
−0.5 V to +1.5 V
Maximum Input/Output Current
±1 mA
OUTPUT CURRENT
ADCMP572 (CML)
±20 mA
ADCMP573 (RSPECL)
−35 mA
TEMPERATURE
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
+150°C
Storage Temperature Range
−65°C to +150°C
Stress above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
THERMAL CONSIDERATIONS
The ADCMP572/ADCMP573 LFCSP 16-lead package has a θJA
(junction-to-ambient thermal resistance) of 70°C/W in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com