Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP573 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP573 Datasheet HTML 1Page - Analog Devices ADCMP573 Datasheet HTML 2Page - Analog Devices ADCMP573 Datasheet HTML 3Page - Analog Devices ADCMP573 Datasheet HTML 4Page - Analog Devices ADCMP573 Datasheet HTML 5Page - Analog Devices ADCMP573 Datasheet HTML 6Page - Analog Devices ADCMP573 Datasheet HTML 7Page - Analog Devices ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrafast 3.3 V/5 V
Single-Supply SiGe Comparators
ADCMP572/ADCMP573
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
3.3 V/5.2 V single-supply operation
150 ps propagation delay
15 ps overdrive and slew rate dispersion
8 GHz equivalent input rise time bandwidth
80 ps minimum pulse width
35 ps typical output rise/fall
10 ps deterministic jitter (DJ)
200 fs random jitter (RJ)
On-chip terminations at both input pins
Robust inputs with no output phase reversal
Resistor-programmable hysteresis
Differential latch control
Extended industrial −40°C to +125°C temperature range
APPLICATIONS
Clock and data signal restoration and level shifting
Automatic test equipment (ATE)
High speed instrumentation
Pulse spectroscopy
Medical imaging and diagnostics
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VTP TERMINATION
VTN TERMINATION
VN INVERTING
INPUT
LE INPUT
HYS
Q OUTPUT
Q OUTPUT
LE INPUT
ADCMP572
ADCMP573
CML/
RSPECL
VCCO
VCCI
Figure 1.
GENERAL DESCRIPTION
The ADCMP572 and ADCMP573 are ultrafast comparators
fabricated on Analog Devices’ proprietary XFCB3 Silicon
Germanium (SiGe) bipolar process. The ADCMP572 features
CML output drivers and latch inputs, and the ADCMP573
features reduced swing PECL (RSPECL) output drivers and
latch inputs.
Both devices offer 150 ps propagation delay and 80 ps
minimum pulse width for 10 Gbps operation with 200 fs rms
random jitter (RJ). Overdrive and slew rate dispersion are
typically less than 15 ps.
A flexible power supply scheme allows both devices to operate
with a single 3.3 V positive supply and a −0.2 V to +1.2 V input
signal range or with split input/output supplies to support a
wider −0.2 V to +3.2 V input signal range and an independent
range of output levels. 50 Ω on-chip termination resistors are
provided at both inputs with the optional capability to be left
open (on an individual pin basis) for applications requiring
high impedance inputs.
The CML output stage is designed to directly drive 400 mV into
50 Ω transmission lines terminated to between 3.3 V to 5.2 V.
The RSPECL output stage is designed to drive 400 mV into
50 Ω terminated to VCCO − 2 V and is compatible with several
commonly used PECL logic families. The comparator input
stage offers robust protection against large input overdrive, and
the outputs do not phase reverse when the valid input signal
range is exceeded. High speed latch and programmable
hysteresis features are also provided.
The ADCMP572 and ADCMP573 are available in a 16-lead
LFCSP package and have been characterized over an extended
industrial temperature range of −40°C to +125°C.


Similar Part No. - ADCMP573

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
Ultrafast 3.3 V Single-Supply Comparators
Jun-2004
ADCMP573 AD-ADCMP573 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP573BCP AD-ADCMP573BCP Datasheet
412Kb / 16P
Ultrafast 3.3 V Single-Supply Comparators
Jun-2004
ADCMP573BCP-R2 AD-ADCMP573BCP-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP573BCP-RL7 AD-ADCMP573BCP-RL7 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results

Similar Description - ADCMP573

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
Ultrafast 3.3 V Single-Supply Comparators
Jun-2004
ADCMP580 AD-ADCMP580_05 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP573 AD-ADCMP573_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580 AD-ADCMP580_16 Datasheet
409Kb / 16P
Ultrafast SiGe Voltage Comparators
4/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com