Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP581 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP581
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP581 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP581 Datasheet HTML 3Page - Analog Devices ADCMP581 Datasheet HTML 4Page - Analog Devices ADCMP581 Datasheet HTML 5Page - Analog Devices ADCMP581 Datasheet HTML 6Page - Analog Devices ADCMP581 Datasheet HTML 7Page - Analog Devices ADCMP581 Datasheet HTML 8Page - Analog Devices ADCMP581 Datasheet HTML 9Page - Analog Devices ADCMP581 Datasheet HTML 10Page - Analog Devices ADCMP581 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Rev. 0 | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Q
PIN 1
INDICATOR
1
VTP
2
VP
3
VN
4
VTN
11 Q
12 GND
10
9
GND
ADCMP580
TOP VIEW
(Not to Scale)
Q
PIN 1
INDICATOR
1
VTP
2
VP
3
VN
4
VTN
11 Q
12 GND
10
9
GND
ADCMP581
TOP VIEW
(Not to Scale)
Q
PIN 1
INDICATOR
1
VTP
2
VP
3
VN
4
VTN
11 Q
12 VCCO
10
9VCCO
ADCMP582
TOP VIEW
(Not to Scale)
Figure 3. ADCMP580 Pin Configuration
Figure 4. ADCMP581 Pin Configuration
Figure 5. ADCMP582 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VTP
Termination Resistor Return Pin for VP Input.
2
VP
Noninverting Analog Input.
3
VN
Inverting Analog Input.
4
VTN
Termination Resistor Return Pin for VN Input.
5, 16
VCCI
Positive Supply Voltage.
6
LE
Latch Enable Input Pin, Inverting Side. In compare mode (LE = low), the output tracks changes at the input
of the comparator. In latch mode (LE = high), the output reflects the input state just prior to the comparator
being placed into latch mode. LE must be driven in complement with LE.
7
LE
Latch Enable Input Pin, Noninverting Side. In compare mode (LE = high), the output tracks changes
at the input of the comparator. In latch mode (LE = low), the output reflects the input state just prior
to the comparator being placed into latch mode. LE must be driven in complement with LE.
8
VTT
Termination Return Pin for the LE/LE Input Pins.
For the ADCMP580 (CML output stage), this pin should be connected to the GND ground.
For the ADCMP581 (ECL output stage), this pin should be connected to the –2 V termination potential.
For the ADCMP582 (PECL output stage), this pin should be connected to the VCCO – 2 V termination potential.
9, 12
GND/VCCO
Digital Ground Pin/Positive Logic Power Supply Terminal.
For the ADCMP580/ADCMP581, this pin should be connected to the GND pin.
For the ADCMP582, this pin should be connected to the positive logic power VCCO supply.
10
Q
Inverting Output. Q is logic low if the analog voltage at the noninverting input, VP, is greater than the analog
voltage at the inverting input, VN, provided that the comparator is in compare mode. See the LE/LE descriptions
(Pin 6 to Pin 7) for more information.
11
Q
Noninverting Output. Q is logic high if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN, provided that the comparator is in compare mode. See the
LE/LE descriptions (Pin 6 to Pin 7) for more information.
13
VEE
Negative Power Supply.
14
HYS
Hysteresis Control. Leave this pin disconnected for zero hysteresis. Connect this pin to the VEE supply
with a suitably sized resistor to add the desired amount of hysteresis. Refer to Figure 9 for proper sizing
of the HYS hysteresis control resistor.
15
GND
Analog Ground.
Heat Sink
Paddle
N/C
The metallic back surface of the package is not electrically connected to any part of the circuit. It can be left
floating for optimal electrical isolation between the package handle and the substrate of the die. It can also
be soldered to the application board if improved thermal and/or mechanical stability is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com