Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP581 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP581
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP581 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP581 Datasheet HTML 1Page - Analog Devices ADCMP581 Datasheet HTML 2Page - Analog Devices ADCMP581 Datasheet HTML 3Page - Analog Devices ADCMP581 Datasheet HTML 4Page - Analog Devices ADCMP581 Datasheet HTML 5Page - Analog Devices ADCMP581 Datasheet HTML 6Page - Analog Devices ADCMP581 Datasheet HTML 7Page - Analog Devices ADCMP581 Datasheet HTML 8Page - Analog Devices ADCMP581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrafast SiGe
Voltage Comparators
ADCMP580/ADCMP581/ADCMP582
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
180 ps propagation delay
25 ps overdrive and slew rate dispersion
8 GHz equivalent input rise time bandwidth
100 ps minimum pulse width
37 ps typical output rise/fall
10 ps deterministic jitter (DJ)
200 fs random jitter (RJ)
−2 V to +3 V input range with +5 V/−5 V supplies
On-chip terminations at both input pins
Resistor-programmable hysteresis
Differential latch control
Power supply rejection > 70 dB
APPLICATIONS
Automatic test equipment (ATE)
High speed instrumentation
Pulse spectroscopy
Medical imaging and diagnostics
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Clock and data signal restoration
GENERAL DESCRIPTION
The ADCMP580/ADCMP581/ADCMP582 are ultrafast voltage
comparators fabricated on Analog Devices’ proprietary XFCB3
Silicon Germanium (SiGe) bipolar process. The ADCMP580
features CML output drivers; the ADCMP581 features reduced
swing ECL (negative ECL) output drivers; and the ADCMP582
features reduced swing PECL (positive ECL) output drivers.
All three comparators offer 180 ps propagation delay and
100 ps minimum pulse width for 10 Gbps operation with
200 fs random jitter (RJ). Overdrive and slew rate dispersion
are typically less than 15 ps.
The ±5 V power supplies enable a wide −2 V to +3 V input
range with logic levels referenced to the CML/NECL/PECL
outputs. The inputs have 50 Ω on-chip termination resistors
with the optional capability to be left open (on an individual
pin basis) for applications requiring high impedance input.
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VTP TERMINATION
VTN TERMINATION
VN INVERTING
INPUT
LE INPUT
HYS
Q OUTPUT
Q OUTPUT
LE INPUT
ADCMP580/
ADCMP581/
ADCMP582
CML/ECL/
PECL
Figure 1.
The CML output stage is designed to directly drive 400 mV
into 50 Ω transmission lines terminated to ground. The NECL
output stages are designed to directly drive 400 mV into 50 Ω
terminated to −2 V. The PECL output stages are designed to
directly drive 400 mV into 50 Ω terminated to VCCO − 2 V.
High speed latch and programmable hysteresis are also
provided. The differential latch input controls are also 50 Ω
terminated to an independent VTT pin to interface to either
CML or ECL or to PECL logic.
The ADCMP580/ADCMP581/ADCMP582 are available in
a 16-lead LFCSP package.


Similar Part No. - ADCMP581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP581 AD-ADCMP581 Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCMP581 AD-ADCMP581 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP581BCP AD-ADCMP581BCP Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCMP581BCP-R2 AD-ADCMP581BCP-R2 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP581BCP-RL7 AD-ADCMP581BCP-RL7 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
More results

Similar Description - ADCMP581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP580 AD-ADCMP580 Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCMP572 AD-ADCMP572_05 Datasheet
528Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
4/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP573 AD-ADCMP573_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580 AD-ADCMP580_16 Datasheet
409Kb / 16P
Ultrafast SiGe Voltage Comparators
4/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com