Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5% Comparator With 400 mV Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP670 Datasheet HTML 4Page - Analog Devices ADCMP670 Datasheet HTML 5Page - Analog Devices ADCMP670 Datasheet HTML 6Page - Analog Devices ADCMP670 Datasheet HTML 7Page - Analog Devices ADCMP670 Datasheet HTML 8Page - Analog Devices ADCMP670 Datasheet HTML 9Page - Analog Devices ADCMP670 Datasheet HTML 10Page - Analog Devices ADCMP670 Datasheet HTML 11Page - Analog Devices ADCMP670 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP670
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
RISING INPUT THRESHOLD VOLTAGE (mV)
60
394 395 396 397 398 399 400 401 402 403 404 405 406
VDD = 5V
TA = 25°C
0
10
20
30
40
FALLING INPUT THRESHOLD VOLTAGE (mV)
50
388 389 390 391 392 393 394 395 396 397 398 399 400
VDD = 5V
TA = 25°C
Figure 4. Distribution of Rising Input Threshold Voltage
Figure 7. Distribution of Falling Input Threshold Voltage
0
5
10
15
20
25
30
HYSTERESIS (mV)
35
6.0 6.4 6.8 7.2 7.6 8.0 8.4 8.8 9.2 9.6 10.0 10.4 10.8
VDD = 5V
TA = 25°C
398
TEMPERATURE (°C)
402
401
400
399
–40
–20
120
0
20406080
100
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 5. Distribution of Hysteresis
Figure 8. Rising Input Threshold Voltage vs. Temperature
395
SUPPLY VOLTAGE (V)
401
400
399
398
397
396
1.7
5.7
5.2
4.7
4.2
3.7
3.2
2.7
2.2
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
396
TEMPERATURE (°C)
404
402
400
398
–40
–20
120
0
20406080
100
4
3
2
1
FOUR TYPICAL PARTS
VDD = 5V
Figure 6. Rising Input Threshold Voltage vs. Temperature
Figure 9. Rising Input Threshold Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com