Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP670
Description  Dual Low Power 1.5% Comparator With 400 mV Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP670 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP670 Datasheet HTML 5Page - Analog Devices ADCMP670 Datasheet HTML 6Page - Analog Devices ADCMP670 Datasheet HTML 7Page - Analog Devices ADCMP670 Datasheet HTML 8Page - Analog Devices ADCMP670 Datasheet HTML 9Page - Analog Devices ADCMP670 Datasheet HTML 10Page - Analog Devices ADCMP670 Datasheet HTML 11Page - Analog Devices ADCMP670 Datasheet HTML 12Page - Analog Devices ADCMP670 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADCMP670
Rev. 0 | Page 9 of 16
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
TEMPERATURE (°C)
12.0
–40
–20
120
0
20406080
100
2B
2A
1B
1A
FOUR TYPICAL PARTS
VDD = 5V
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
TEMPERATURE (°C)
12.0
–40
–20
120
0
20406080
100
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 10. Hysteresis vs. Temperature
Figure 13. Hysteresis vs. Temperature
4
5
6
7
8
9
10
11
SUPPLY VOLTAGE (V)
12
1.7
5.7
5.2
4.7
4.2
3.7
3.2
2.7
2.2
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
–5
SUPPLY VOLTAGE (V)
1
1.5
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
0
–1
–2
–3
–4
Figure 11. Hysteresis vs. Supply Voltage
Figure 14. Minimum Supply Voltage
50
0
1.5
SUPPLY VOLTAGE (V)
40
30
20
10
00.5
1.0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
10
4
5.2
SUPPLY VOLTAGE (V)
9
8
7
6
5
1.7
2.2
2.7
3.2
3.7
4.2
4.7
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
NO LOAD CURRENT
Figure 15. Start
-Up Supply Current
Figure 12. Quiescent Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com