Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8629ARMZ-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8629ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 18 of 24
TIME (500
μs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
The results shown in Figure 58 to Figure 63 are summarized in
Table 5.
Table 5. Overload Recovery Time
Positive Overload
Recovery (μs)
Negative Overload
Recovery (μs)
Product
AD8628
6
9
LTC2050
650
25,000
LMC2001
40,000
35,000
INFRARED SENSORS
Infrared (IR) sensors, particularly thermopiles, are increasingly
being used in temperature measurement for applications as
wide-ranging as automotive climate control, human ear
thermometers, home insulation analysis, and automotive repair
diagnostics. The relatively small output signal of the sensor
demands high gain with very low offset voltage and drift to
avoid dc errors.
Figure 61. Negative Input Overload Recovery for the AD8628
TIME (500
μs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
If interstage ac coupling is used, as in Figure 64, low offset and
drift prevent the input amplifier’s output from drifting close to
saturation. The low input bias currents generate minimal errors
from the sensor’s output impedance. As with pressure sensors,
the very low amplifier drift with time and temperature elimi-
nate additional errors once the temperature measurement is
calibrated. The low 1/f noise improves SNR for dc measure-
ments taken over periods often exceeding one-fifth of a second.
Figure 64 shows a circuit that can amplify ac signals from
100 μV to 300 μV up to the 1 V to 3 V levels, with gain of
10,000 for accurate A/D conversion.
Figure 62. Negative Input Overload Recovery for LTC2050
5V
100k
Ω
10k
Ω
5V
100
μV – 300μV
100
Ω
TO BIAS
VOLTAGE
10k
Ω
fC ≈ 1.6Hz
IR
DETECTOR
100k
Ω
10
μF
1/2 AD8629
1/2 AD8629
TIME (500
μs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
Figure 64. AD8629 Used as Preamplifier for Thermopile
Figure 63. Negative Input Overload Recovery for LMC2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com