Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629ARMZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8629ARMZ-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8629ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 22Page - Analog Devices AD8629ARMZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 19 of 24
PRECISION CURRENT SHUNT SENSOR
OUTPUT AMPLIFIER FOR HIGH PRECISION DACS
A precision current shunt sensor benefits from the unique
attributes of auto-zero amplifiers when used in a differencing
configuration, as shown in
The AD8628/AD8629/AD8360 are used as output amplifiers for
a 16-bit high precision DAC in a unipolar configuration. In this
case, the selected op amp needs to have very low offset voltage
(the DAC LSB is 38 μV when operated with a 2.5 V reference)
to eliminate the need for output offset trims. Input bias current
(typically a few tens of picoamperes) must also be very low,
because it generates an additional zero code error when
multiplied by the DAC output impedance (approximately 6
kΩ).
Figure 65. Current shunt sensors are
used in precision current sources for feedback control systems.
They are also used in a variety of other applications, including
battery fuel gauging, laser diode power measurement and
control, torque feedback controls in electric power steering, and
precision power metering.
RS
0.1
Ω
SUPPLY
I
RL
100
Ω
100k
Ω
C
5V
100
Ω
100k
Ω
C
e = 1,000 RS I
100mV/mA
AD8628
Rail-to-rail input and output provide full-scale output with very
little error. Output impedance of the DAC is constant and code-
independent, but the high input impedance of the AD8628/
AD8629/AD8630 minimizes gain errors. The amplifiers’ wide
bandwidth also serves well in this case. The amplifiers, with
settling time of 1 μs, add another time constant to the system,
increasing the settling time of the output. The settling time of
the AD5541 is 1 μs. The combined settling time is approxi-
mately 1.4 μs, as can be derived from the following equation:
()
(
) ()2
2
8628
AD
t
DAC
t
TOTAL
t
S
S
S
+
=
Figure 65. Low-Side Current Sensing
In such applications, it is desirable to use a shunt with very low
resistance to minimize the series voltage drop; this minimizes
wasted power and allows the measurement of high currents
while saving power. A typical shunt might be 0.1 Ω. At
measured current values of 1 A, the shunt’s output signal is
hundreds of mV, or even V, and amplifier error sources are not
critical. However, at low measured current values in the 1 mA
range, the 100 μV output voltage of the shunt demands a very
low offset voltage and drift to maintain absolute accuracy. Low
input bias currents are also needed, so that injected bias current
does not become a significant percentage of the measured
current. High open-loop gain, CMRR, and PSRR help to
maintain the overall circuit accuracy. As long as the rate of
change of the current is not too fast, an auto-zero amplifier can
be used with excellent results.
AD5541/AD5542
AD8628
DGND
*AD5542 ONLY
VDD
REF(REF*)
REFS*
OUT
SCLK
DIN
CS
AGND
5V
2.5V
UNIPOLAR
OUTPUT
LDAC*
0.1
μF
10
μF
0.1
μF
SERIAL
INTERFACE
Figure 66. AD8628 Used as an Output Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com