Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP553BRM Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP553BRM
Description  Single-Supply, High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP553BRM Datasheet(HTML) 1 Page - Analog Devices

  ADCMP553BRM Datasheet HTML 1Page - Analog Devices ADCMP553BRM Datasheet HTML 2Page - Analog Devices ADCMP553BRM Datasheet HTML 3Page - Analog Devices ADCMP553BRM Datasheet HTML 4Page - Analog Devices ADCMP553BRM Datasheet HTML 5Page - Analog Devices ADCMP553BRM Datasheet HTML 6Page - Analog Devices ADCMP553BRM Datasheet HTML 7Page - Analog Devices ADCMP553BRM Datasheet HTML 8Page - Analog Devices ADCMP553BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single-Supply, High Speed
PECL/LVPECL Comparators
ADCMP551/ADCMP552/ADCMP553
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single power supply
500 ps propagation delay input to output
125 ps overdrive dispersion
Differential PECL/LVPECL compatible outputs
Differential latch control
Internal latch pull-up resistors
Power supply rejection greater than 70 dB
700 ps minimum pulse width
Equivalent input rise time bandwidth > 750 MHz
Typical output rise/fall of 500 ps
Programmable hysteresis
APPLICATIONS
Automatic test equipment
High speed instrumentation
Scope and logic analyzer front ends
Window comparators
High speed line receivers
Threshold detection
Peak detection
High speed triggers
Patient diagnostics
Disk drive read channel detection
Hand-held test instruments
Zero-crossing detectors
Line receivers and signal restoration
Clock drivers
FUNCTIONAL BLOCK DIAGRAM
NONINVERTING
INPUT
INVERTING
INPUT
LATCH ENABLE
INPUT
Q OUTPUT
LATCH ENABLE
INPUT
Q OUTPUT
ADCMP551/
ADCMP552/
ADCMP553
*ADCMP552 ONLY
HYS*
Figure 1.
GENERAL DESCRIPTION
The ADCMP551/ADCMP552/ADCMP553 are single-supply,
high speed comparators fabricated on Analog Devices’
proprietary XFCB process. The devices feature a 500 ps
propagation delay with less than 125 ps overdrive dispersion.
Overdrive dispersion, a measure of the difference in
propagation delay under differing overdrive conditions, is a
particularly important characteristic of high speed comparators.
A separate programmable hysteresis pin is available on the
ADCMP552.
A differential input stage permits consistent propagation delay
with a common-mode range from –0.2 V to VCCI – 2.0 V.
Outputs are complementary digital signals and are fully
compatible with PECL and 3.3V LVPECL logic families. The
outputs provide sufficient drive current to directly drive
transmission lines terminated in 50 Ω to VCCO − 2 V. A latch
input is included and permits tracking, track-and-hold, or
sample-and-hold modes of operation. The latch input pins
contain internal pull-ups that set the latch in tracking mode
when left open.
The ADCMP551/ADCMP552/ADCMP553 are specified over
the –40°C to +85°C industrial temperature range. The
ADCMP551 is available in a 16-lead QSOP package; the
ADCMP552 is available in a 20-lead QSOP package; and the
ADCMP553 is available in an 8-lead MSOP package.


Similar Part No. - ADCMP553BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP553BRM AD-ADCMP553BRM Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
ADCMP553BRMZ AD-ADCMP553BRMZ Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
More results

Similar Description - ADCMP553BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP551 AD-ADCMP551 Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
ADCMP551 AD-ADCMP551_13 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
ADCMP551 AD-ADCMP551_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP552 AD-ADCMP552_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP553 AD-ADCMP553_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com