Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAT Datasheet(PDF) 1 Page - TOKO, Inc

Part # DAT
Description  5.8 GHZ DIELECTRIC ANTENNA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DAT Datasheet(HTML) 1 Page - TOKO, Inc

  DAT Datasheet HTML 1Page - TOKO, Inc DAT Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DAT
5.8 GHZ DIELECTRIC ANTENNA
October 2004
1
© 2004 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-243-DAT58
R-LOG1004A
Features
• Miniature footprint: 13mm x 13mm
• Low profile: 3.5mm max.
• Center Frequency: 5820 MHz
• Bandwidth: ±50 MHz
• Peak Gain: 5.0 dBi (typ.)
• SWR: 2.0 max.
• Impedance: 50 Ω
• Operating temperature: -20°C to +85°C
• Storage temperature: -30°C to +90°C
Dimensions
Description
The TOKO DAT is a circularly polarized dielectric antenna element
specifically designed for 5.8 GHz ISM applications including Dedicated
Sort-Range Communication (DSRC) systems such as Electronic Toll
Collecting (ETC).
Typical Characteristics
10
3
6
00
15
20
25
330
30
60
300
90
270
120
240
150
210
180
10
3
6
00
15
20
25
330
30
60
300
90
270
120
240
150
210
180
180
°
0
°
90
°
180
°
0
°
270
°
90
°
Units: mm
0.5 max.
3
3-R0.5
C2
3.3
13
0.9


Similar Part No. - DAT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
DAT-15575-PP MINI-DAT-15575-PP Datasheet
427Kb / 12P
Digital Step Attenuator
DAT-15575A-PN MINI-DAT-15575A-PN Datasheet
528Kb / 8P
Digital Step Attenuator
DAT-15575A-PN+ MINI-DAT-15575A-PN+ Datasheet
528Kb / 8P
Digital Step Attenuator
DAT-15575A-PP MINI-DAT-15575A-PP Datasheet
533Kb / 8P
Digital Step Attenuator
More results

Similar Description - DAT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
ASW52B TOKO-ASW52B Datasheet
356Kb / 1P
5.250 GHZ DIELECTRIC ANTENNA
ASWR03 TOKO-ASWR03 Datasheet
121Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAC2450CT1T TOKO-DAC2450CT1T Datasheet
459Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAL5250CT17T TOKO-DAL5250CT17T Datasheet
532Kb / 1P
5.250 GHZ DIELECTRIC ANTENNA
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
logo
World Produts Inc.
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
5.8 GHz Omni-Directional Antenna
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
5.8 GHz Directional Antenna
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
5.8 GHz One Antenna Reflective Transponder for Tag
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com