Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7314ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7314ARMZ
Description  Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7314ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7314ARMZ Datasheet HTML 1Page - Analog Devices AD7314ARMZ Datasheet HTML 2Page - Analog Devices AD7314ARMZ Datasheet HTML 3Page - Analog Devices AD7314ARMZ Datasheet HTML 4Page - Analog Devices AD7314ARMZ Datasheet HTML 5Page - Analog Devices AD7314ARMZ Datasheet HTML 6Page - Analog Devices AD7314ARMZ Datasheet HTML 7Page - Analog Devices AD7314ARMZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
AD7314
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. A
Low Voltage, 10-Bit Digital Temperature
Sensor in 8-Lead MSOP
FUNCTIONAL BLOCK DIAGRAM
AD7314
BAND GAP
TEMPERATURE
SENSOR
SERIAL
BUS
INTERFACE
GND
ID
VDD
CE
SCLK
SDI
SDO
10-BIT
ANALOG-TO-DIGITAL
CONVERTER
TEMPERATURE
VALUE
REGISTER
FEATURES
10-Bit Temperature-to-Digital Converter
–35 C to +85 C Operating Temperature Range
2 C Accuracy
SPI® and DSP Compatible Serial Interface
Shutdown Mode
Space-Saving MSOP Package
APPLICATIONS
Hard Disk Drives
Personal Computers
Electronic Test Equipment
Office Equipment
Domestic Appliances
Process Control
Mobile Phones
GENERAL DESCRIPTION
The AD7314 is a complete temperature monitoring system in
an 8-lead MSOP package. It contains a band gap temperature
sensor and 10-bit ADC to monitor and digitize the temperature
reading to a resolution of 0.25
∞C.
The AD7314 has a flexible serial interface that allows easy
interfacing to most microcontrollers. The interface is compat-
ible with SPI, QSPI™, and MICROWIRE™ protocols and is
also compatible with DSPs. The part features a standby mode
that is controlled via the serial interface.
The AD7314’s low supply current and SPI compatible interface
make it ideal for a variety of applications, including personal
computers, office equipment, and domestic appliances.
PRODUCT HIGHLIGHTS
1. The AD7314 has an on-chip temperature sensor that allows
an accurate measurement of the ambient temperature. The
measurable temperature range is –35
∞C to +85∞C, with a
±2∞C temperature accuracy.
2. Supply voltage of 2.65 V to 5.5 V.
3. Space-saving 8-lead MSOP package.
4. 10-bit temperature reading to 0.25
∞C resolution.
5. The AD7314 features a standby mode that reduces the
current consumption to 1
mA max.


Similar Part No. - AD7314ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314ARMZ AD-AD7314ARMZ Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
AD7314ARMZ-REEL AD-AD7314ARMZ-REEL Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
AD7314ARMZ-REEL7 AD-AD7314ARMZ-REEL7 Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
More results

Similar Description - AD7314ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314 Datasheet
97Kb / 8P
Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7314 AD-AD7314_15 Datasheet
176Kb / 8P
Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com