Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7316 Datasheet (PDF) - Analog Devices

ADT7316 Datasheet PDF - Analog Devices
Part # ADT7316
Download  ADT7316 Download
File Size   340.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC

ADT7316 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7316 Datasheet PDF - Analog Devices

Part # ADT7316
Download  ADT7316 Click to download

File Size   340.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC

ADT7316 Datasheet (HTML) - Analog Devices


ADT7316 Product details

GENERAL DESCRIPTION
The ADT7316/ADT7317/ADT73181combine a 10-bit temperature-to-digital converter and a quad 12-/10-/8-bit DAC, respectively, in a 16-lead QSOP. This includes a band gap temperature sensor and a 10-bit ADC to monitor and digitize the temperature reading to a resolution of 0.25°C. The ADT7316/ ADT7317/ADT7318 operate from a single 2.7 V to 5.5 V supply. The output voltage of the DAC ranges from 0 V to 2 VREF, with an output voltage settling time of 7 μs typically.

FEATURES
    ADT7316—four 12-bit DACs
    ADT7317—four 10-bit DACs
    ADT7318—four 8-bit DACs
    Buffered voltage output
    Guaranteed monotonic by design over all codes
    10-bit temperature-to-digital converter
    Temperature range: −40°C to +120°C
    Temperature sensor accuracy of ±0.5°C
    Supply range: 2.7 V to 5.5 V
    DAC output range: 0 V to 2 VREF
    Power-down current : <10 μA
    Internal 2.28 VREF option
    Double-buffered input logic
    Buffered/unbuffered reference input option
    Power-on reset to 0 V
    Simultaneous update of outputs (LDAC function)
    On-chip rail-to-rail output buffer amplifier
    I2C®-, SMBus-, SPI®-, QSPI™-, MICROWIRE™-, and DSP-compatible 4-wire serial interface
    SMBus packet error checking (PEC) compatible
    16-lead QSOP

APPLICATIONS
    Portable battery-powered instruments
    Personal computers
    Telecommunications systems
    Electronic test equipment
    Domestic appliances
    Process control




Similar Part No. - ADT7316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316ARQ AD-ADT7316ARQ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7316ARQ-REEL AD-ADT7316ARQ-REEL Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7316ARQ-REEL7 AD-ADT7316ARQ-REEL7 Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7316ARQZ AD-ADT7316ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7316ARQZ-REEL AD-ADT7316ARQZ-REEL Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
More results


Similar Description - ADT7316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
Dual 12-/10-/8-Bit SPI DAC
logo
Texas Instruments
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com