Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7516 Datasheet (PDF) - Analog Devices

ADT7516 Datasheet PDF - Analog Devices
Part # ADT7516
Download  ADT7516 Download
File Size   1350.27 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC

ADT7516 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7516 Datasheet PDF - Analog Devices

Part # ADT7516
Download  ADT7516 Click to download

File Size   1350.27 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC

ADT7516 Datasheet (HTML) - Analog Devices


ADT7516 Product details

GENERAL DESCRIPTION
The ADT7516/ADT7517/ADT75191 combine a 10-bit temperature-to-digital converter, a 10-bit 4-channel ADC, and a quad 12-/10-/8-bit DAC, respectively, in a 16-lead QSOP package. The parts also include a band gap temperature sensor and a 10-bit ADC to monitor and digitize the temperature reading to a resolution of 0.25°C.

FEATURES
   ADT7516: four 12-bit DACs
   ADT7517: four 10-bit DACs
   ADT7519: four 8-bit DACs
   Buffered voltage output
   Guaranteed monotonic by design over all codes
   10-bit temperature-to-digital converter
   10-bit 4-channel ADC
   DC input bandwidth
   Input range: 0 V to 2.28 V
   Temperature range: −40°C to +120°C
   Temperature sensor accuracy: ±0.5°C typ
   Supply range: 2.7 V to 5.5 V
   DAC output range: 0 V to 2 VREF
   Power-down current: <10 μA
   Internal 2.28 VREF option
   Double-buffered input logic
   Buffered reference input
   Power-on reset to 0 V DAC output
   Simultaneous update of outputs (LDAC function)
   On-chip, rail-to-rail output buffer amplifier
   SPI®, I2C®, QSPI™, MICROWIRE™, and DSP compatible
   4-wire serial interface
   SMBus packet error checking (PEC) compatible
   16-lead QSOP package

APPLICATIONS
   Portable battery-powered instruments
   Personal computers
   Smart battery chargers
   Telecommunications systems
   Electronic text equipment
   Domestic appliances
   Process control




Similar Part No. - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQZ AD-ADT7516ARQZ Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
More results


Similar Description - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com