Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7516 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 1 Page - Analog Devices

  ADT7516 Datasheet HTML 1Page - Analog Devices ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SPI/I2C Compatible, Temperature Sensor,
4-Channel ADC and Quad Voltage Output DAC
ADT7516/ADT7517/ADT7519
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
ADT7516—four 12-bit DACs
ADT7517—four 10-bit DACs
ADT7519—four 8-bit DACs
Buffered voltage output
Guaranteed monotonic by design over all codes
10-bit temperature-to-digital converter
10-bit 4-channel ADC
DC input bandwidth
Input range: 0 V to 2.28 V
Temperature range: –40°C to +120°C
Temperature sensor accuracy of typ: ±0.5°C
Supply range: 2.7 V to 5.5 V
DAC output range: 0 V to 2 VREF
Power-down current: 1 µA
Internal 2.28 VREF option
Double-buffered input logic
Buffered reference input
Power-on reset to 0 V DAC output
Simultaneous update of outputs (LDAC function)
On-chip rail-to-rail output buffer amplifier
SPI®, I2C®, QSPI™, MICROWIRE™, and DSP compatible
4-wire serial interface
SMBus packet error checking (PEC) compatible
16-lead QSOP package
APPLICATIONS
Portable battery-powered instruments
Personal computers
Smart battery chargers
Telecommunications systems
Electronic text equipment
Domestic appliances
Process control
PIN CONFIGURATION
ADT7516/
ADT7517/
ADT7519
TOP VIEW
(Not to Scale)
VOUT-B 1
VOUT-C
16
VOUT-A 2
VOUT-D
15
VREF-IN 3
AIN4
14
CS
4
SCL/SCLK
13
GND
5
SDA/DIN
12
VDD 6
DOUT/ADD
11
D+/AIN1
7
INT/INT
10
D–/AIN2
8
LDAC/AIN3
9
Figure 1.
GENERAL DESCRIPTION
The ADT7516/ADT7517/ADT75191 combine a 10-bit temp-
erature-to-digital converter, a 10-bit 4-channel ADC, and a
quad 12-/10-/8-bit DAC, respectively, in a 16-lead QSOP
package. The parts also include a band gap temperature sensor
and a 10-bit ADC to monitor and digitize the temperature
reading to a resolution of 0.25°C.
The ADT7516/ADT7517/ ADT7519 operate from a single 2.7 V
to 5.5 V supply. The input voltage range on the ADC channels is
0 V to 2.28 V, and the input bandwidth is dc. The reference for
the ADC channels is derived internally. The output voltage of
the DAC ranges from 0 V to VDD, with an output voltage settling
time of 7 ms typical.
The ADT7516/ADT7517/ADT7519 provide two serial interface
options: a 4-wire serial interface that is compatible with SPI,
QSPI, MICROWIRE, and DSP interface standards, and a 2-wire
SMBus/I2C interface. They feature a standby mode that is
controlled through the serial interface.
The reference for the four DACs is derived either internally or
from a reference pin. The outputs of all DACs may be updated
simultaneously using the software LDAC function or the
external LDAC pin. The ADT7516/ADT7517/ADT7519
incorporate a power-on reset circuit, which ensures that the
DAC output powers up to 0 V and remains there until a valid
write takes place.
The ADT7516/ADT7517/ADT7519’s wide supply voltage range,
low supply current, and SPI/I2C compatible interface make
them ideal for a variety of applications, including personal
computers, office equipment, and domestic appliances.
1 Protected by the following U.S. Patent Numbers: 6,169,442; 5,867,012;
5,764174. Other patents pending.


Similar Part No. - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQZ AD-ADT7516ARQZ Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
More results

Similar Description - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com