Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7411 Datasheet (PDF) - Analog Devices

ADT7411 Datasheet PDF - Analog Devices
Part # ADT7411
Download  ADT7411 Download
File Size   456.12 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC

ADT7411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7411 Datasheet PDF - Analog Devices

Part # ADT7411
Download  ADT7411 Click to download

File Size   456.12 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC

ADT7411 Datasheet (HTML) - Analog Devices


ADT7411 Product details

GENERAL DESCRIPTION
The ADT74111 combines a 10-bit temperature-to-digital converter and a 10-bit 8-channel ADC in a 16-lead QSOP. This includes a band gap temperature sensor and a 10-bit ADC to monitor and digitize the temperature reading to a resolution of 0.25°C. The ADT7411 operates from a single 2.7 V to 5.5 V supply. The input voltage on the ADC channels has a range of 0 V to 2.25 V and the input bandwidth is dc. The reference for the ADC channels is derived internally. The ADT7411 provides two serial interface options: a 4-wire serial interface compatible with SPI, QSPI, MICROWIRE, and DSP interface standards, and a 2-wire SMBus/I2C interface. It features a standby mode that is controlled via the serial interface.
The ADT7411’s wide supply voltage range, low supply current, and SPI-/I2C-compatible interface make it ideal for a variety of applications, including PCs, office equipment, and domestic appliances.

FEATURES
   10-bit temperature-to-digital converter
   10-bit 8-channel ADC
      DC input bandwidth
      Input range: 0 V to 2.25 V and 0 V to VDD
   Temperature range: −40°C to +120°C
   Temperature sensor accuracy of ±0.5°C
   Supply range: 2.7 V to 5.5 V
   Power-down current : <10 μA
   Internal 2.25 VREF option
   Double-buffered input logic
   I2C, SPI, QSPI™, MICROWIRE™, and DSP compatible
   4-wire serial interface
   SMBus packet error checking (PEC) compatible
   16-lead QSOP

APPLICATIONS
   Portable battery-powered instruments
   PCs
   Smart battery chargers
   Telecommunications systems electronic test equipment
   Domestic appliances
   Process controls




Similar Part No. - ADT7411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQ AD-ADT7411ARQ Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL AD-ADT7411ARQ-REEL Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL7 AD-ADT7411ARQ-REEL7 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQZ-REEL1 AD-ADT7411ARQZ-REEL1 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQZ-REEL71 AD-ADT7411ARQZ-REEL71 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Similar Description - ADT7411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com