Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7411 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7411
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411 Datasheet(HTML) 1 Page - Analog Devices

  ADT7411 Datasheet HTML 1Page - Analog Devices ADT7411 Datasheet HTML 2Page - Analog Devices ADT7411 Datasheet HTML 3Page - Analog Devices ADT7411 Datasheet HTML 4Page - Analog Devices ADT7411 Datasheet HTML 5Page - Analog Devices ADT7411 Datasheet HTML 6Page - Analog Devices ADT7411 Datasheet HTML 7Page - Analog Devices ADT7411 Datasheet HTML 8Page - Analog Devices ADT7411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SPI®/I2C® Compatible, 10-Bit Digital
Temperature Sensor and 8-Channel ADC
ADT7411
*
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
10-bit temperature-to-digital converter
10-bit 8-channel ADC
DC input bandwidth
Input range: 0 V to 2.25 V, and 0 V to VDD
Temperature range: –40°C to +120°C
Temperature sensor accuracy of ±0.5°C
Supply range: 2.7 V to 5.5 V
Power-down current 1 µA
Internal 2.25 VREF option
Double-buffered input logic
I2C, SPI, QSPI™, MICROWIRE™, and DSP compatible
4-wire serial interface
SMBus packet error checking (PEC) compatible
16-lead QSOP package
APPLICATIONS
Portable battery-powered instruments
Personal computers
Smart battery chargers
Telecommunications systems electronic test equipment
Domestic appliances
Process control
PIN CONFIGURATION
ADT7411
TOP VIEW
(Not to Scale)
AIN6
1
AIN7
16
AIN5
2
AIN8
15
NC
3
AIN4
14
CS
4
SCL/SCLK
13
GND
5
SDA/DIN
12
VDD 6
DOUT/ADD
11
D+/AIN1
7
INT/INT
10
D–/AIN2
8
AIN3
9
NC = NO CONNECT
Figure 1.
GENERAL DESCRIPTION
The ADT7411 combines a 10-bit temperature-to-digital con-
verter and a 10-bit 8-channel ADC in a 16-lead QSOP package.
This includes a band gap temperature sensor and a 10-bit ADC
to monitor and digitize the temperature reading to a resolution
of 0.25°C. The ADT7411 operates from a single 2.7 V to 5.5 V
supply. The input voltage on the ADC channels has a range of
0 V to 2.25 V and the input bandwidth is dc. The reference for
the ADC channels is derived internally. The ADT7411 provides
two serial interface options: a 4-wire serial interface compatible
with SPI, QSPI, MICROWIRE, and DSP interface standards,
and a 2-wire SMBus/I2C interface. It features a standby mode
that is controlled via the serial interface.
The ADT7411’s wide supply voltage range, low supply current,
and SPI/I2C compatible interface make it ideal for a variety of
applications, including personal computers, office equipment,
and domestic appliances.
*Protected by the following U.S. Patent Numbers: 6,169,442; 5,867,012; 5,764174. Other patents pending.


Similar Part No. - ADT7411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQ AD-ADT7411ARQ Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL AD-ADT7411ARQ-REEL Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQ-REEL7 AD-ADT7411ARQ-REEL7 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQZ-REEL1 AD-ADT7411ARQZ-REEL1 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411ARQZ-REEL71 AD-ADT7411ARQZ-REEL71 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results

Similar Description - ADT7411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com