Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7411 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7411
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7411 Datasheet HTML 17Page - Analog Devices ADT7411 Datasheet HTML 18Page - Analog Devices ADT7411 Datasheet HTML 19Page - Analog Devices ADT7411 Datasheet HTML 20Page - Analog Devices ADT7411 Datasheet HTML 21Page - Analog Devices ADT7411 Datasheet HTML 22Page - Analog Devices ADT7411 Datasheet HTML 23Page - Analog Devices ADT7411 Datasheet HTML 24Page - Analog Devices ADT7411 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADT7411
Rev. A | Page 21 of 36
Table 11.
Bit
Function
D0
1 when AIN5 voltage is greater than the corresponding
VHIGH limit. 1 when AIN5 voltage is less than or equal to
the corresponding VLOW limit.
D1
1 when AIN6 voltage is greater than the corresponding
VHIGH limit. 1 when AIN6 voltage is less than or equal to
the corresponding VLOW limit.
D2
1 when AIN7 voltage is greater than the corresponding
VHIGH limit. 1 when AIN7 voltage is less than or equal to
the corresponding VLOW limit.
D3
1 when AIN8 voltage is greater than the corresponding
VHIGH limit. 1 when AIN8 voltage is less than or equal to
the corresponding VLOW limit.
D4
1 when VDD value is greater than the corresponding
VHIGH limit. 1 when VDD is less than or equal to the
corresponding VLOW limit.
D5:D7
Reserved
Internal Temperature Value/VDD Value Register LSBs
(Read-Only) [Add. = 03h]
This internal temperature value and VDD value register is an
8-bit read-only register. It stores the 2 LSBs of the 10-bit temp-
erature reading from the internal temperature sensor and also
the 2 LSBs of the 10-bit supply voltage reading.
Table 12. Internal Temperature/VDD LSBs
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
N/A
V1
LSB
T1
LSB
N/A
N/A
N/A
N/A
0*
0*
0*
0*
*Default settings at power-up.
Table 13.
Bit
Function
D0
LSB of Internal Temperature Value.
D1
B1 of Internal Temperature Value.
D2
LSB of VDD Value.
D3
B1 of VDD Value.
External Temperature Value and Analog Inputs1 to 4
Register LSBs (Read-Only) [Address = 04h]
This is an 8-bit read-only register. Bits D2–D7 store the 2 LSBs
of the analog inputs AIN2–AIN4. Bits D0 and D1 are used to
store the 2 LSBs of either the external temperature value or
AIN1 input value. The type of input for D0 and D1 is selected
by Bits 1:2 of the Control Configuration 1 register.
Table 14. External Temperature and AIN1–4 LSBs
D7
D6
D5
D4
D3
D2
D1
D0
A4
A4LSB
A3
A3LSB
A2
A2LSB
T/A
T/ALSB
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 15
Bit
Function
D0
LSB of External Temperature Value or AIN1 Value.
D1
Bit 1 of External Temperature Value or AIN1 Value.
D2
LSB of AIN2 Value.
D3
Bit 1 of AIN2 Value.
D4
LSB of AIN3 Value.
D5
Bit 1 of AIN3 Value.
D6
LSB of AIN4 Value.
D7
Bit 1 of AIN4 Value.
Analog Inputs 5 to 8 Registers LSBs (Read-Only)
[Add. = 05h]
This is an 8-bit read-only register. Bits D0 to D7 store the 2 LSBs
of the analog inputs AIN5 to AIN8. The MSBs are stored in
Registers 0Ch to 0Fh.
Table 16. External Temperature and AIN5 to AIN8 LSBs
D7
D6
D5
D4
D3
D2
D1
D0
A8
A8LSB
A7
A7LSB
A6
A6LSB
A5
A5LSB
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.
Table 17.
Bit
Function
D0
LSB of AIN5 Value.
D1
Bit 1 of AIN5 Value.
D2
LSB of AIN6 Value.
D3
Bit 1 of AIN6 Value.
D4
LSB of AIN7 Value.
D5
Bit 1 of AIN7 Value.
D6
LSB of AIN8 Value.
D7
Bit 1 of AIN8 Value.
VDD Value Register MSBs (Read-Only) [Address = 06h]
This 8-bit read-only register stores the supply voltage value. The
8 MSBs of the 10-bit value are stored in this register.
Table 18. VDD Value MSBs
D7
D6
D5
D4
D3
D2
D1
D0
V9
V8
V7
V6
V5
V4
V3
V2
x*
x*
x*
x*
x*
x*
x*
x*
*Loaded with VDD value after power-up.
Internal Temperature Value Register MSBs (Read-Only)
[Address = 07h]
This 8-bit read-only register stores the internal temperature
value from the internal temperature sensor in twos complement
format. This register stores the 8 MSBs of the 10-bit value.
Table 19. Internal Temperature Value MSBs
D7
D6
D5
D4
D3
D2
D1
D0
T9
T8
T7
T6
T5
T4
T3
T2
0*
0*
0*
0*
0*
0*
0*
0*
*Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com