Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE80 Datasheet(PDF) 45 Page - STMicroelectronics

Part # M45PE80
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE80 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M45PE80_06 Datasheet HTML 39Page - STMicroelectronics M45PE80_06 Datasheet HTML 40Page - STMicroelectronics M45PE80_06 Datasheet HTML 41Page - STMicroelectronics M45PE80_06 Datasheet HTML 42Page - STMicroelectronics M45PE80_06 Datasheet HTML 43Page - STMicroelectronics M45PE80_06 Datasheet HTML 44Page - STMicroelectronics M45PE80_06 Datasheet HTML 45Page - STMicroelectronics M45PE80_06 Datasheet HTML 46Page - STMicroelectronics M45PE80_06 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
M45PE80
Reference
45/47
13
Reference
●
AN1995: Serial Flash Memory Device Marking.
14
Revision history
Table 21.
Document revision history
Date
Version
Changes
10-Feb-2003
1.0
Document written
02-Apr-2003
1.1
VFQFPN8 (MLP) package added
08-Apr-2003
1.2
Document promoted to Product Preview
05-May-2003
1.3
Document promoted to Preliminary Data
04-Jun-2003
1.4
Description corrected of entering Hardware Protected mode (W must be
driven, and cannot be left unconnected). Document Revision History for
05-May-2003 corrected.
26-Nov-2003
2.0
VIO(min) extended to –0.6V, and tPP(typ) improved to 1.2ms. Table of
contents, SO16 package, warning about exposed paddle on MLP8, and
Pb-free options added. Change of naming for VDFPN8 package.
Document promoted to full datasheet
23-Jan-2004
3.0
SO16 pin-out corrected
28-May-2004
4.0
Soldering temperature information clarified for RoHS compliant devices.
Device Grade clarified
10-May-2005
5.0
SO16 wide package replaced by SO8 wide package.
Active Power, Stand-by Power and Deep Power-Down modes, Read
Identification (RDID), Deep Power-down (DP), and Release from Deep
Power-down (RDP) descriptions updated.
Table 20: Ordering information scheme updated.
Figure 22: Output timing updated.
4-Oct-2005
6.0
Added Table 13: AC characteristics (33 MHz operation). An easy way to
modify data, A fast way to modify data, Page Write (PW) and Page
Program (PP) sections updated to explain optimal use of Page Write and
Page Program instructions. Updated ICC3 values in Table 11: DC
characteristics. Updated Table 20: Ordering information scheme
ECOPACK® information added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com