Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE80 Datasheet(PDF) 46 Page - STMicroelectronics

Part # M45PE80
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE80 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M45PE80_06 Datasheet HTML 39Page - STMicroelectronics M45PE80_06 Datasheet HTML 40Page - STMicroelectronics M45PE80_06 Datasheet HTML 41Page - STMicroelectronics M45PE80_06 Datasheet HTML 42Page - STMicroelectronics M45PE80_06 Datasheet HTML 43Page - STMicroelectronics M45PE80_06 Datasheet HTML 44Page - STMicroelectronics M45PE80_06 Datasheet HTML 45Page - STMicroelectronics M45PE80_06 Datasheet HTML 46Page - STMicroelectronics M45PE80_06 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
M45PE80
46/47
14-Feb-2006
7
X process technology added (see Section 2.5: Reset (Reset), Table 14:
Reset timings for U process technology devices and Table 15: Reset
timings for X process technology devices). MLP package renamed as
VFQFPN8, MLP silhouette modified on page 1. TLEAD removed from
Table 7: Absolute maximum ratings.
Table 5: Status Register Format moved from Section 4.7: Status Register
to Section 6.4: Read Status Register (RDSR). Blank option removed
under Plating Technology in Table 20: Ordering information scheme.
15-Dec-2006
8
50 MHz frequency added, Table 14: AC characteristics (50 MHz
operation) added. Small text changes.
Section 2.5: Reset (Reset) updated. VCC supply voltage and VSS
ground descriptions added.
Figure 3: Bus master and memory devices on the SPI bus modified and
explanatory text added.
Behavior of WIP bit specified at Power-up in Section 7: Power-up and
Power-down.
VIO max modified and TLEAD added in Table 7: Absolute maximum
ratings.
Table 15: Reset conditions and Table 16: Timings after a Reset Low
pulse updated.
SO8N package added (T9HX technology only), SO8W and VFQFPN8
package specifications updated (see Section 11: Package mechanical).
Table 21.
Document revision history
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com