Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8062ARZ-R7
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8062ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 10 of 20
OUTPUT STEP (V)
1400
0
4.0
2.0
2.5
1200
1000
800
600
400
200
0
0.5
3.0
3.5
FALLING EDGE
VS = +5V
FALLING EDGE
VS = ±4V
RISING EDGE
VS = ±4V
RISING EDGE
VS = +5V
1.0
1.5
Figure 25. Slew Rate vs. Output Step Amplitude, G = 2, RL = 1 kΩ, VS = 5 V
VS = 5V
RL = 1kΩ
FREQUENCY (Hz)
1k
10
10M
100
1k
100k
1M
100
10
1
10k
Figure 26. Voltage Noise vs. Frequency
FREQUENCY (Hz)
100
10
10M
100
1k
100k
1M
10
0
10k
1
VS =5V
RL =1kΩ
Figure 27. Current Noise vs. Frequency
500mV/DIV
0
20
40
60
80
100
120
140
160
180
200
2.5V
TIME (ns)
0V
VIN
VOUT
VS = ±2.5V
G = 1
RL = 1kΩ
Figure 28. Input Overload Recovery, Input Step = 0 V to 2 V
500mV/DIV
VS = ±2.5V
G = 5
RL = 1kΩ
0
20
40
60
80
100
120
140
160
180
200
2.5V
TIME (ns)
1.0V
0V
VIN
VOUT
Figure 29. Output Overload Recovery, Input Step = 0 V to 1 V
FREQUENCY (MHz)
0.01
500
0.1
10
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
SIDE 1
SIDE 2
VCM = 0.2V p-p
RL = 100Ω
VS = ±2.5V
154
Ω
154
Ω
57.6
Ω
50
Ω
VIN
200mV p-p
604
Ω
604
Ω
Figure 30. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com