Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8062ARZ-R7
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8062ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 12 of 20
20ns/DIV
+0.1%
–0.1%
VS = 5V
RL = 1kΩ
t = 0
1k
Ω
50
Ω
1k
Ω
RL = 1kΩ
Figure 37. Output Settling Time to 0.1%
OUTPUT VOLTAGE STEP
50
0.5
1.0
1.5
2.0
45
40
35
30
25
20
15
10
5
0
2.5
FALLING EDGE
RISING EDGE
VS = 5V
RL = 1kΩ
G = 1
Figure 38. Settling Time vs. VOUT
2
μs
VS = 5V
G = –1
RF = 1kΩ
RL = 1kΩ
4.86
2.43
0V
1V
Figure 39. Output Swing
500mV/DIV
VS = 5V
G = 2
RL = 1kΩ
VIN = 1V p-p
0
10
20
80
90
100
3.5V
TIME (ns)
2.5V
1.5V
70
60
50
40
30
Figure 40. 1 V Step Response
20mV/DIV
VS = 5V
G = 2
RL = 1kΩ
VIN = 100mV
0
10
20
80
90
100
2.6V
TIME (ns)
2.5V
2.4V
70
60
50
40
30
Figure 41. 100 mV Step Response
2
μs/DIV
0V
1V/DIV
VS = 5V
G = 2
RF = RL = 1kΩ
VIN = 4V p-p
Figure 42. Output Rail-to-Rail Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com