Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLM3225-R27H Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLM3225-R27H
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLM3225-R27H Datasheet(HTML) 1 Page - TOKO, Inc

  LLM3225-R27H Datasheet HTML 1Page - TOKO, Inc LLM3225-R27H Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wire Wound Chip Inductors 巻線チップインダクタ
Wire Wound Chip Inductors 巻線チップインダクタ
Inductance Range:
0.1~1000µH
DIMENSIONS/外形寸法図
FEATURES/特 長
LLM3225
Recommended patterns
推奨パターン図
continued on next page
次頁へ続く
TYPE LLM3225 (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
Q
測定周波数
直流抵抗(2)
最大許容電流(3)
自己共振周波数
TOKO
Part
Number
Inductance(1)
Lo (µH)
Tolerance
Test
Frequency
(MHz)
Q
Min.
DC
Resistance(2)
(Ω) Max.
Rated DC
Current(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
SELECTION GUIDE FOR STANDARD COILS
0.10
J, K
35
25.2
0.20
600
540
0.12
J, K
35
25.2
0.20
580
480
0.15
J, K
35
25.2
0.20
560
420
0.18
J, K
35
25.2
0.25
540
380
0.22
J, K
35
25.2
0.30
520
320
0.27
J, K
35
25.2
0.30
500
260
0.33
J, K
35
25.2
0.35
480
230
0.39
J, K
35
25.2
0.40
460
200
0.47
J, K
35
25.2
0.40
440
170
0.56
J, K
35
25.2
0.45
420
150
0.68
J, K
35
25.2
0.50
400
130
0.82
J, K
35
25.2
0.55
380
110
1.0
J, K
35
7.96
0.50
370
140
1.2
J, K
35
7.96
0.55
350
120
1.5
J, K
35
7.96
0.60
330
100
LLM3225-R10h
LLM3225-R12h
LLM3225-R15h
LLM3225-R18h
LLM3225-R22h
LLM3225-R27h
LLM3225-R33h
LLM3225-R39h
LLM3225-R47h
LLM3225-R56h
LLM3225-R68h
LLM3225-R82h
LLM3225-1R0h
LLM3225-1R2h
LLM3225-1R5h
2.5
Inductance ID
Type & Rotation ID
1.9
2.4 Max.
0.5
(Unit: mm)
1
2
1
Tolerance ±0.2
(Unit: mm)
• Wire-wound miniature chip inductor most suitable for
surface mount.
• It is recommended for various general use for signal
conditioning in a variety of electronic equipment.
• Wide inductance range from 0.1 to 1000µH.
• Superior solderability and high heat-resistance for reflow
soldering.
• Excellent environmental and mechanical stability.
• RoHS compliant.
• 巻線形構造の面実装
づけ
小型チップインダクタ
• 各種電子機器の信号処理用として、セットの薄形化、高密度実装
への対応に最適
• 0.1∼1000µHまでの幅広いインダクタンス範囲
• リフロはんだ付けが可能
• 角形外装、金属端子構造による高い実装信頼性と優れた機械的、
耐候的信頼性
• RoHS指令対応
• インダクタンス範囲
0.1∼1000μH
• インダクタンス許容差
J級 ; ±
5%
K級 ; ±
10%
• インダクタンス温度係数
750ppm/℃
Max.
• 使用温度範囲
−40°C∼+85℃
• 保存温度範囲
−40°C∼+85℃
• Inductance Range
0.1~1000µH
• Inductance Tolerance
J ; ± 5%
K ; ± 10%
• InductanceTemperature Coefficient 750ppm/°C Max.
• Operating Temperature Range
− 40°C~+85°C
• Storage Temperature Range
− 40°C~+85°C
ELECTRICAL CHARACTERISTICS/電気的特性


Similar Part No. - LLM3225-R27H

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLM3225-R27J TOKO-LLM3225-R27J Datasheet
438Kb / 2P
Wire Wound Chip Inductors
logo
Murata Manufacturing Co...
LLM3225-R27J MURATA-LLM3225-R27J Datasheet
744Kb / 2P
Inductor
More results

Similar Description - LLM3225-R27H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2016T680K TAIYO-YUDEN-LB2016T680K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T680M TAIYO-YUDEN-LB2016T680M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com