Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLM3225-R27H Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLM3225-R27H
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLM3225-R27H Datasheet(HTML) 2 Page - TOKO, Inc

  LLM3225-R27H Datasheet HTML 1Page - TOKO, Inc LLM3225-R27H Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire Wound Chip Inductors 巻線チップインダクタ
Wire Wound Chip Inductors 巻線チップインダクタ
continued from previous page
前頁より続く
TYPE LLM3225 (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
Q
測定周波数
直流抵抗(2)
最大許容電流(3)
自己共振周波数
TOKO
Part
Number
Inductance(1)
Lo (µH)
Tolerance
Test
Frequency
(MHz)
Q
Min.
DC
Resistance(2)
(Ω) Max.
Rated DC
Current(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
SELECTION GUIDE FOR STANDARD COILS
1.8
J, K
35
7.96
0.65
315
95
2.2
J, K
35
7.96
0.70
300
90
2.7
J, K
35
7.96
0.80
280
80
3.3
J, K
35
7.96
0.90
265
70
3.9
J, K
30
7.96
1.0
250
60
4.7
J, K
30
7.96
1.2
240
55
5.6
J, K
30
7.96
1.4
230
50
6.8
J, K
30
7.96
1.6
220
45
8.2
J, K
30
7.96
1.8
210
40
10.0
J, K
30
2.52
1.7
220
27
12.0
J, K
30
2.52
1.9
200
23
15.0
J, K
30
2.52
2.2
180
20
18.0
J, K
30
2.52
2.5
160
18
22.0
J, K
30
2.52
2.8
140
16
27.0
J, K
30
2.52
4.2
120
15
33.0
J, K
30
2.52
4.8
110
14
39.0
J, K
30
2.52
5.4
100
13
47.0
J, K
30
2.52
6.0
95
12
56.0
J, K
30
2.52
7.0
90
11
68.0
J, K
30
2.52
8.0
85
10
82.0
J, K
30
2.52
9.0
80
9
100.0
J, K
20
0.796
9.0
70
9
120.0
J, K
20
0.796
10.0
65
8
150.0
J, K
20
0.796
11.0
60
7
180.0
J, K
20
0.796
12.0
55
6.5
220.0
J, K
20
0.796
20.0
45
6
270.0
J, K
20
0.796
23.0
43
5.5
330.0
J, K
20
0.796
26.0
40
5
390.0
J, K
20
0.796
29.0
35
4.5
470.0
J, K
20
0.796
32.0
31
4
560.0
J, K
20
0.796
50.0
28
3.6
680.0
J, K
20
0.796
55.0
25
3.3
820.0
J, K
20
0.796
60.0
22
3
1000.0
J, K
10
0.252
70.0
19
2.5
LLM3225-1R8h
LLM3225-2R2h
LLM3225-2R7h
LLM3225-3R3h
LLM3225-3R9h
LLM3225-4R7h
LLM3225-5R6h
LLM3225-6R8h
LLM3225-8R2h
LLM3225-100h
LLM3225-120h
LLM3225-150h
LLM3225-180h
LLM3225-220h
LLM3225-270h
LLM3225-330h
LLM3225-390h
LLM3225-470h
LLM3225-560h
LLM3225-680h
LLM3225-820h
LLM3225-101h
LLM3225-121h
LLM3225-151h
LLM3225-181h
LLM3225-221h
LLM3225-271h
LLM3225-331h
LLM3225-391h
LLM3225-471h
LLM3225-561h
LLM3225-681h
LLM3225-821h
LLM3225-102h
(1)Inductance is measured with a LCR meter 4194A (∗) , 4291A (∗)
or equivalent
(2)DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3)Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 20°C, whichever is smaller. (Reference ambient
temperature 20°C)
∗: Agilent Technologies
(1)インダクタンスはLCRメータ4194A (∗)、4291A (∗)又は同等品により測
定する。
(2)直流抵抗はデジタルマルチメータTR6871 (Advantest)または同等品によ
り測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期値
より10%減少する直流電流値、または直流電流により、コイルの温度が
20℃上昇の何れか小さい値です。(周囲温度20℃を基準とする)
∗: Agilent Technologies
Add the tolerance of inductance to within the h of the part Number as follows: J=±5%, K=±10%
h はインダクタンスの許容差をあらわして居りますので、ご指定下さい。 J=±5%, K=±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com