Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8310
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8310 Datasheet HTML 9Page - Analog Devices AD8310 Datasheet HTML 10Page - Analog Devices AD8310 Datasheet HTML 11Page - Analog Devices AD8310 Datasheet HTML 12Page - Analog Devices AD8310 Datasheet HTML 13Page - Analog Devices AD8310 Datasheet HTML 14Page - Analog Devices AD8310 Datasheet HTML 15Page - Analog Devices AD8310 Datasheet HTML 16Page - Analog Devices AD8310 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8310
Rev. E | Page 13 of 24
For zero-signal conditions, all the detector output currents are
equal. For a finite input of either polarity, their difference is
converted by the output interface to a single-sided unipolar
current, nominally scaled 2 μA/dB (40 μA/decade), at the
output pin BFIN. An on-chip resistor of ~3 kΩ, R1, converts
this current to a voltage of 6 mV/dB. This is then amplified by a
factor of 4 in the output buffer, which can drive a current of up
to 25 mA in a grounded load resistor. The overall rise time of
the AD8310 is less than 15 ns. There is also a delay time of
about 6 ns when the log amp is driven by an RF burst, starting
at zero amplitude.
When driving capacitive loads, it is desirable to add a low value
of load resistor to speed up the return to the baseline; the buffer
is stable for loads of a least 100 pF. The output bandwidth can
be lowered by adding a grounded capacitor at BFIN. The time-
constant of the resulting single-pole filter is formed with the
3 kΩ internal load resistor (with a tolerance of 20%). Therefore,
to set the –3 dB frequency to 20 kHz, use a capacitor of 2.7 nF.
Using 2.7 μF, the filter corner is at 20 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com