| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD640
|
278Kb / 16P |
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C |
|
AD8307
|
394Kb / 20P |
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A |
|
AD8310
|
606Kb / 24P |
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D |
|
AD8307
|
508Kb / 24P |
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C |
|
AD8309ARUZ
|
315Kb / 20P |
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B |
|
AD640JPZ
|
240Kb / 16P |
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C |
|
AD640
|
240Kb / 16P |
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C |
|
AD8307
|
401Kb / 24P |
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D |
|
AD8310
|
393Kb / 24P |
Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F |
|
AD640
|
417Kb / 19P |
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
|