Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8330ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8330
Rev. C | Page 6 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
VSPI
2
INHI
3
INLO
4
MODE
12
11
10
9
VPSO
OPHI
OPLO
CMOP
16
15
14
13
567
8
AD8330
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead LFCSP Pin Configuration
1
S
O
P
V
T
S
F
O
16
2
R
T
N
C
L
B
N
E
15
3
O
S
P
V
I
S
P
V
14
4
I
H
P
O
I
H
N
I
13
5
O
L
P
O
O
L
N
I
12
6
P
O
M
C
E
D
O
M
11
7
G
A
M
V
S
B
D
V
10
8
M
M
O
C
N
G
M
C
9
AD8330
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead QSOP Pin Configuration
Table 3. 16-Lead LFCSP Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
VPSI
Positive Supply for Input Stages.
2
INHI
Differential Signal Input, Positive Polarity.
3
INLO
Differential Signal Input, Negative
Polarity.
4
MODE
Logic Input: Selects Gain Slope. High =
gain up vs. VDBS.
5
VDBS
Input for Linear-in-dB Gain Control
Voltage, VDBS.
6
CMGN
Common Baseline for Gain Control
Interfaces.
7
COMM
Ground for Input and Gain Control Bias
Circuitry.
8
VMAG
Input for Gain/Amplitude Control, VMAG.
9
CMOP
Ground for Output Stages.
10
OPLO
Differential Signal Output, Negative
Polarity.
11
OPHI
Differential Signal Output, Positive
Polarity.
12
VPSO
Positive Supply for Output Stages.
13
CNTR
Common-Mode Output Voltage Control.
14
VPOS
Positive Supply for Inner Stages.
15
OFST
Used in Offset Control Modes.
16
ENBL
Power Enable, Active High.
Table 4. 16-Lead QSOP Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
OFST
Used in Offset Control Modes.
2
ENBL
Power Enable, Active High.
3
VPSI
Positive Supply for Input Stages.
4
INHI
Differential Signal Input, Positive Polarity.
5
INLO
Differential Signal Input, Negative
Polarity.
6
MODE
Logic Input: Selects Gain Slope. High =
gain up vs. VDBS.
7
VDBS
Input for linear-in-dB Gain Control
Voltage, VDBS.
8
CMGN
Common Baseline for Gain Control
Interfaces.
9
COMM
Ground for Input and Gain Control Bias
Circuitry.
10
VMAG
Input for Gain/Amplitude Control, VMAG.
11
CMOP
Ground for Output Stages.
12
OPLO
Differential Signal Output, Negative
Polarity.
13
OPHI
Differential Signal Output, Positive Polarity.
14
VPSO
Positive Supply for Output Stages.
15
CNTR
Common-Mode Output Voltage Control.
16
VPOS
Positive Supply for Inner Stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com