Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8330ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD8330
Rev. C | Page 15 of 32
•
Pin VMAG is unconnected setting up the output bias
current (IN in the four-transistor gain cell) to its nominal
value;
•
Pin CMGN is grounded; and
•
MODE is either tied to a logic high or left unconnected, to
set the up gain mode.
The effects of other operating conditions are considered
separately.
Throughout this data sheet, the end-to-end voltage gain for
the normal operating conditions are referred to as the basic
gain. Under these conditions, it runs from 0 dB when VDBS = 0
(where this voltage is more exactly measured with reference to
Pin CMGN, which is not necessarily tied to ground) up to
50 dB for VDBS = 1.5 V. The gain does not fold over when the
VDBS pin is driven below ground or above its nominal full-
scale value.
The input is accepted at the Differential Port INHI/INLO.
These pins are internally biased to roughly the midpoint of the
supply, VS (it is actually ~2.75 V for VS = 5 V, VDBS = 0, and
1.5 V for VS = 3 V), but the AD8330 is able to accept a forced
common-mode value, from zero to VS, with certain limitations.
This interface provides good common-mode rejection up to
high frequencies (see Figure 16) and, thus, can be driven in
either a single-sided or differential manner. However, operation
using a differential drive is preferable, and this is assumed in the
specifications, unless otherwise stated.
The pin-to-pin input resistance is specified as 950 Ω ± 20%. The
driving-point impedance of the signal source can range from
zero up to values considerably in excess of this resistance, with a
corresponding variation in noise figure (see Figure 53). In most
cases, the input is coupled via two capacitors, chosen to provide
adequate low frequency transmission. This results in the
minimum input noise that increases when some other
common-mode voltage is forced onto these pins. The short-
circuit, input referred noise at maximum gain is approximately
5 nV/√Hz.
Output Pin OPHI and Output Pin OPLO operate at a common-
mode voltage at the midpoint of the supply, VS/2, within a few
millivolts. This ensures that an analog-to-digital converter
(ADC) attached to these outputs operates within the often
narrow range permitted by their design. When a common-
mode voltage other than VS/2 is required at this interface, it can
easily be forced by applying an externally provided voltage to
the output centering pin, CNTR. This voltage can run from zero
to the full supply, though the use of such extreme values leaves
only a small range for the differential output signal swing.
The differential impedance measured between OPHI and
OPLO is 150 Ω ± 20%. It follows that both the gain and the
full-scale voltage swing depend on the load impedance; both are
nominally halved when this is also 150 Ω. A fixed impedance
output interface, rather than an op amp style voltage-mode
output, is preferable in high speed applications because the
effects of complex reactive loads on the gain and phase can be
better controlled. The top end of the AD8330 ac response is
optimally flat for a 12 pF load on each pin, but this is not critical
and the system remains stable for any value of load capacitance
including zero.
Another useful feature of this VGA in connection with the
driving of an ADC is that the peak output magnitude can be
precisely controlled by the voltage on Pin VMAG. Usually, this
voltage is internally preset to 500 mV, and the peak differential,
unloaded output swing is ±2 V ± 3%. However, any voltage
from zero to at least 5 V can be applied to this pin to alter the
peak output in an exactly proportional way. Because either
output pin can swing rail-to-rail, which in practice means down
to at least 0.35 V and to within the same voltage below the
supply, the peak-to-peak output between these pins can be as
high as 10 V using VS = 6 V.
INHI
INLO
VDBS
VPSI
COMM
TRANSIMPEDANCE
OUTPUT STAGE
500Ω
500Ω
LINEAR-IN-dB
INTERFACE
MAGNITUDE
INTERFACE
5kΩ
ROUT = 150Ω
100µA
VMAG
VPSO
OPHI
OPLO
ΔV = 0
12.65µA–4mA OR
4mA–12.65µA
COMM
VMAG
MODE
CNTR
ΔV = 0
O/P CM-MODE
NORMALLY
AT VP/2
CM MODE
FEEDBACK
VDBS
Figure 47. Schematic of Key Components
Linear-in-dB Gain Control (VDBS)
All Analog Devices, Inc. VGAs featuring a linear-in-dB gain
law, such as the X-AMP® family, provide exact, constant gain
scaling over the fully specified gain range, and the deviation
from the ideal response is within a small fraction of a dB. For
the AD8330, the scaling of both of its gain interfaces is
substantially independent of process, supply voltage, or
temperature. The basic gain, GB, is simply
()
mV
30
DBS
B
V
dB
G
=
(1)
where VDBS is in volts. Alternatively, this can be expressed as a
numerical gain magnitude
V
V
BN
DBS
G
6
.
0
10
=
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com