Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8328ACPZ
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8328ACPZ Datasheet HTML 2Page - Analog Devices AD8328ACPZ Datasheet HTML 3Page - Analog Devices AD8328ACPZ Datasheet HTML 4Page - Analog Devices AD8328ACPZ Datasheet HTML 5Page - Analog Devices AD8328ACPZ Datasheet HTML 6Page - Analog Devices AD8328ACPZ Datasheet HTML 7Page - Analog Devices AD8328ACPZ Datasheet HTML 8Page - Analog Devices AD8328ACPZ Datasheet HTML 9Page - Analog Devices AD8328ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8328
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage VCC
6 V
Input Voltage
VIN+, VIN−
1.5 V p-p
DATEN, SDATA, CLK, SLEEP, TXEN
−0.8 V to +5.5 V
Internal Power Dissipation
QSOP (θJA = 83.2°C/W)1
700 mW
LFCSP (θJA = 30.4°C/W)2
700 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering 60 sec
300°C
1 Thermal resistance measured on SEMI standard 4-layer board.
2 Thermal resistance measured on SEMI standard 4-layer board, paddle
soldered to board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com