Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8328ACPZ
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8328ACPZ Datasheet HTML 4Page - Analog Devices AD8328ACPZ Datasheet HTML 5Page - Analog Devices AD8328ACPZ Datasheet HTML 6Page - Analog Devices AD8328ACPZ Datasheet HTML 7Page - Analog Devices AD8328ACPZ Datasheet HTML 8Page - Analog Devices AD8328ACPZ Datasheet HTML 9Page - Analog Devices AD8328ACPZ Datasheet HTML 10Page - Analog Devices AD8328ACPZ Datasheet HTML 11Page - Analog Devices AD8328ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8328
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–65
–55
–75
–60
–70
515
25
35
45
55
6
VOUT = 61dBmV
@ MAX GAIN
VOUT = 60dBmV
@ MAX GAIN
VOUT = 59dBmV
@ MAX GAIN
5
Figure 7. Second-Order Harmonic Distortion vs.
Frequency for Various Output Powers
FREQUENCY (MHz)
–50
–55
–75
–60
–65
–70
515
25
35
45
55
6
TA = –40°C
TA = +25°C
TA = +85°C
VOUT = 60dBmV
@ MAX GAIN
5
Figure 8. Second-Order Harmonic Distortion vs. Frequency vs. Temperature
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
SPAN 750kHz
75kHz/DIV
60dBmV
–58.2dB
CH PWR
ACP
cu1
cu1
C0
C0
c11
c11
0
Figure 9. Adjacent Channel Power
FREQUENCY (MHz)
–60
–50
–70
–55
–65
515
25
35
45
55
6
VOUT = 61dBmV
@ MAX GAIN
VOUT = 60dBmV
@ MAX GAIN
VOUT = 59dBmV
@ MAX GAIN
5
Figure 10. Third-Order Harmonic Distortion vs.
Frequency for Various Output Powers
FREQUENCY (MHz)
–50
–55
–65
–60
515
25
35
45
55
6
TA = –40°C
TA = +25°C
TA = +85°C
VOUT = 60dBmV
@ MAX GAIN
5
Figure 11. Third-Order Harmonic Distortion vs. Frequency vs. Temperature
FREQUENCY (MHz)
–40
–30
–20
–10
0
10
20
30
40
50
60
41.6
41.7
41.8
41.9
42.0
42.1
42.2
42.3
42.4
42.5
VOUT = 57dBmV/TONE
@ MAX GAIN
Figure 12. Two-Tone Intermodulation Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com