Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8353ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8353ACP-R2
Description  1 MHz to 2.7 GHz RF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8353ACP-R2 Datasheet HTML 4Page - Analog Devices AD8353ACP-R2 Datasheet HTML 5Page - Analog Devices AD8353ACP-R2 Datasheet HTML 6Page - Analog Devices AD8353ACP-R2 Datasheet HTML 7Page - Analog Devices AD8353ACP-R2 Datasheet HTML 8Page - Analog Devices AD8353ACP-R2 Datasheet HTML 9Page - Analog Devices AD8353ACP-R2 Datasheet HTML 10Page - Analog Devices AD8353ACP-R2 Datasheet HTML 11Page - Analog Devices AD8353ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8353
Rev. B | Page 8 of 16
500
1000
1500
2000
3000
2500
0
FREQUENCY (MHz)
10
6
4
2
12
8
0
P1dB AT 3.0V
P1dB AT 3.3V
P1dB AT 2.7V
Figure 9. P1dB vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25°C
7.0
7.2
35
10
45
25
0
40
20
15
30
5
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
OUTPUT 1dB COMPRESSION POINT (dBm)
Figure 10. Distribution of P1dB, VS = 3 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
500
0
1000
1500
2000
2500
26
16
14
12
3000
28
20
10
22
18
24
OIP3 AT 3.0V
OIP3 AT 2.7V
OIP3 AT 3.3V
Figure 11. OIP3 vs. Frequency, VS = 2.7 V, 3 V, and 3.3 V, TA = 25°C
500
1000
1500
2000
3000
2500
0
FREQUENCY (MHz)
10
6
4
2
12
8
0
P1dB AT +25°C
P1dB AT +85°C
P1dB AT –40°C
Figure 12. P1dB vs. Frequency, VS = 3 V, TA = −40°C, +25°C, and +85°C
OIP3 (dBm)
19.1
30
0
25
15
10
20
5
19.5
19.9
20.3
20.7
21.1
21.5
21.9
Figure 13. Distribution of OIP3, VS = 3 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
500
0
1000
1500
2000
2500
26
16
14
12
3000
28
20
10
22
18
24
OIP3 AT –40°C
OIP3 AT +85°C
OIP3 AT +25°C
Figure 14. OIP3 vs. Frequency, VS = 3 V, TA = −40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com